Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC20XS4200BAFK Datasheet (PDF) - NXP Semiconductors

MC20XS4200BAFK Datasheet PDF - NXP Semiconductors
Part No. MC20XS4200BAFK
Download  MC20XS4200BAFK Click to view

File Size   1602.18 Kbytes
Page   71 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual 24 V, 20 mOhm high-side switch

MC20XS4200BAFK Datasheet (PDF)

Go To PDF Page Download Datasheet
MC20XS4200BAFK Datasheet PDF - NXP Semiconductors

Part No. MC20XS4200BAFK
Download  MC20XS4200BAFK Click to view

File Size   1602.18 Kbytes
Page   71 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual 24 V, 20 mOhm high-side switch

MC20XS4200BAFK Datasheet (HTML) - NXP Semiconductors

Back Button MC20XS4200BAFK Datasheet HTML 1Page - NXP Semiconductors MC20XS4200BAFK Datasheet HTML 2Page - NXP Semiconductors MC20XS4200BAFK Datasheet HTML 3Page - NXP Semiconductors MC20XS4200BAFK Datasheet HTML 4Page - NXP Semiconductors MC20XS4200BAFK Datasheet HTML 5Page - NXP Semiconductors MC20XS4200BAFK Datasheet HTML 6Page - NXP Semiconductors MC20XS4200BAFK Datasheet HTML 7Page - NXP Semiconductors MC20XS4200BAFK Datasheet HTML 8Page - NXP Semiconductors MC20XS4200BAFK Datasheet HTML 9Page - NXP Semiconductors MC20XS4200BAFK Datasheet HTML 10Page - NXP Semiconductors Next Button 

MC20XS4200BAFK Product details

The 20XS4200 device is part of a 24 V dual high side switch product family with
integrated control, and a high number of protective and diagnostic functions. It
has been designed for truck, bus, and industrial applications. The low RDS(on)
channels (<20 mΩ) can control different load types; bulbs, solenoids, or DC
motors. Control, device configuration, and diagnostics are performed through a
16-bit serial peripheral interface (SPI), allowing easy integration into existing
applications. This device is powered by SMARTMOS technology
Both channels can be controlled individually by external/internal clock signals, or
by direct inputs. Using the internal clock allows fully autonomous device
operation. Programmable output voltage slew-rates (individually programmable)
helps improve electromagnetic compatibility (EMC) performance. To avoid
shutting off the device upon inrush current, while still being able to closely track
the load current, a dynamic overcurrent threshold profile is featured. Switching
current of each channel can be sensed with a programmable sensing ratio.
Whenever communication with the external microcontroller is lost, the device
enters a Fail-safe operation mode, but remains operational, controllable, and protected.

Features
• Two fully-protected 20 mΩ (@ 25 °C) high-side switches
• Up to 4.4 A steady state current per channel
• Separate bulb and DC motor latched overcurrent handling
• Individually programmable internal/external PWM clock signals
• Overcurrent, short-circuit, and overtemperature protection with
programmable autoretry functions
• Accurate temperature and current sensing
• Openload detection (channel in OFF and ON state), also for LED
applications (7.0 mA typ.)
• Normal operating range: 8.0 to 36 V, extended range: 6.0 to 58 V
• 3.3 V and 5.0 V compatible 16-bit SPI port for device control, configuration
and diagnostics at rates up to 8.0 MHz



Similar Part No. - MC20XS4200BAFK

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
MC20XS4200BAFK NXP-MC20XS4200BAFK Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
More results

Similar Description - MC20XS4200BAFK

ManufacturerPart No.DatasheetDescription
Freescale Semiconductor, Inc
Freescale Semiconductor...
MC20XS4200 FREESCALE-MC20XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 20 mOhm High Side Switch
MC10XS4200 FREESCALE-MC10XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 10 mOhm High Side Switch
NXP Semiconductors
NXP Semiconductors
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC22XSD200 NXP-MC22XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 22 mOhm high-side switch
Rev. 2.0, 8/2016
Freescale Semiconductor, Inc
Freescale Semiconductor...
06XS4200 FREESCALE-06XS4200 Datasheet
2Mb / 61P
   Dual 24 V 6.0 mOhm High Side Switch
NXP Semiconductors
NXP Semiconductors
MC22XS4200 NXP-MC22XS4200 Datasheet
1Mb / 64P
   Dual 24 V, 22 mOhm high-side switch
Rev. 5.0, 6/2018
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
   Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
Freescale Semiconductor, Inc
Freescale Semiconductor...
MC06XS4200 FREESCALE-MC06XS4200 Datasheet
626Kb / 4P
   Dual 24 V, 6.0 mOhm High Side Switch
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
MC16XSD200 FREESCALE-MC16XSD200 Datasheet
8Mb / 2P
   Dual 16 mOhm High-Side Switch
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
   Dual 6.0 mOhm High Side Switch
More results

About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets. The company was founded in 2006 and is headquartered in Eindhoven, Netherlands. NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others. The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices. NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.


Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz