Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC20XS4200 Datasheet (PDF) - NXP Semiconductors

MC20XS4200 Datasheet PDF - NXP Semiconductors
Part No. MC20XS4200
Download  MC20XS4200 Click to view

File Size   1602.18 Kbytes
Page   71 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual 24 V, 20 mOhm high-side switch

MC20XS4200 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC20XS4200 Datasheet PDF - NXP Semiconductors

Part No. MC20XS4200
Download  MC20XS4200 Click to view

File Size   1602.18 Kbytes
Page   71 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual 24 V, 20 mOhm high-side switch

MC20XS4200 Datasheet (HTML) - NXP Semiconductors

Back Button MC20XS4200 Datasheet HTML 1Page - NXP Semiconductors MC20XS4200 Datasheet HTML 2Page - NXP Semiconductors MC20XS4200 Datasheet HTML 3Page - NXP Semiconductors MC20XS4200 Datasheet HTML 4Page - NXP Semiconductors MC20XS4200 Datasheet HTML 5Page - NXP Semiconductors MC20XS4200 Datasheet HTML 6Page - NXP Semiconductors MC20XS4200 Datasheet HTML 7Page - NXP Semiconductors MC20XS4200 Datasheet HTML 8Page - NXP Semiconductors MC20XS4200 Datasheet HTML 9Page - NXP Semiconductors MC20XS4200 Datasheet HTML 10Page - NXP Semiconductors Next Button 

MC20XS4200 Product details

The 20XS4200 device is part of a 24 V dual high side switch product family with
integrated control, and a high number of protective and diagnostic functions. It
has been designed for truck, bus, and industrial applications. The low RDS(on)
channels (<20 mΩ) can control different load types; bulbs, solenoids, or DC
motors. Control, device configuration, and diagnostics are performed through a
16-bit serial peripheral interface (SPI), allowing easy integration into existing
applications. This device is powered by SMARTMOS technology
Both channels can be controlled individually by external/internal clock signals, or
by direct inputs. Using the internal clock allows fully autonomous device
operation. Programmable output voltage slew-rates (individually programmable)
helps improve electromagnetic compatibility (EMC) performance. To avoid
shutting off the device upon inrush current, while still being able to closely track
the load current, a dynamic overcurrent threshold profile is featured. Switching
current of each channel can be sensed with a programmable sensing ratio.
Whenever communication with the external microcontroller is lost, the device
enters a Fail-safe operation mode, but remains operational, controllable, and protected.

Features
• Two fully-protected 20 mΩ (@ 25 °C) high-side switches
• Up to 4.4 A steady state current per channel
• Separate bulb and DC motor latched overcurrent handling
• Individually programmable internal/external PWM clock signals
• Overcurrent, short-circuit, and overtemperature protection with
programmable autoretry functions
• Accurate temperature and current sensing
• Openload detection (channel in OFF and ON state), also for LED
applications (7.0 mA typ.)
• Normal operating range: 8.0 to 36 V, extended range: 6.0 to 58 V
• 3.3 V and 5.0 V compatible 16-bit SPI port for device control, configuration
and diagnostics at rates up to 8.0 MHz



Similar Part No. - MC20XS4200

ManufacturerPart No.DatasheetDescription
Freescale Semiconductor, Inc
Freescale Semiconductor...
MC20XS4200 FREESCALE-MC20XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 20 mOhm High Side Switch
NXP Semiconductors
NXP Semiconductors
MC20XS4200 NXP-MC20XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
MC20XS4200BAFK NXP-MC20XS4200BAFK Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
MC20XS4200BDFK NXP-MC20XS4200BDFK Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
MC20XS4200BFK NXP-MC20XS4200BFK Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
More results

Similar Description - MC20XS4200

ManufacturerPart No.DatasheetDescription
Freescale Semiconductor, Inc
Freescale Semiconductor...
MC20XS4200 FREESCALE-MC20XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 20 mOhm High Side Switch
MC10XS4200 FREESCALE-MC10XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 10 mOhm High Side Switch
NXP Semiconductors
NXP Semiconductors
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC22XSD200 NXP-MC22XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 22 mOhm high-side switch
Rev. 2.0, 8/2016
Freescale Semiconductor, Inc
Freescale Semiconductor...
06XS4200 FREESCALE-06XS4200 Datasheet
2Mb / 61P
   Dual 24 V 6.0 mOhm High Side Switch
NXP Semiconductors
NXP Semiconductors
MC22XS4200 NXP-MC22XS4200 Datasheet
1Mb / 64P
   Dual 24 V, 22 mOhm high-side switch
Rev. 5.0, 6/2018
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
   Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
Freescale Semiconductor, Inc
Freescale Semiconductor...
MC06XS4200 FREESCALE-MC06XS4200 Datasheet
626Kb / 4P
   Dual 24 V, 6.0 mOhm High Side Switch
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
MC16XSD200 FREESCALE-MC16XSD200 Datasheet
8Mb / 2P
   Dual 16 mOhm High-Side Switch
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
   Dual 6.0 mOhm High Side Switch
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz