Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A01ES-D Datasheet (PDF) - List of Unclassifed Manufacturers

A01ES-D Datasheet PDF - List of Unclassifed Manufacturers
Part # A01ES-D
Download  A01ES-D Download
File Size   1605.02 Kbytes
Page   5 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Emergency stop switchespanel cut-out Ø 16 mm

A01ES-D Datasheet (PDF)

Go To PDF Page Download Datasheet
A01ES-D Datasheet PDF - List of Unclassifed Manufacturers

Part # A01ES-D
Download  A01ES-D Click to download

File Size   1605.02 Kbytes
Page   5 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Emergency stop switchespanel cut-out Ø 16 mm

A01ES-D Datasheet (HTML) - List of Unclassifed Manufacturers


A01ES-D Product details

DISTINCTIVE FEATURES
Approved to EN 60947-5-5
5 prominent red actuator styles
Locked/unlocked status indicator option
AC15 1.5 A 250 VAC, 6 A 250 VAC
Panel sealed to IP65

ENVIRONMENTAL SPECIFICATIONS
Sealing options : front panel IP65, rear panel IP40 according to
EN60529
Operating temperature : -20 °C to +55 °C (-4 °F to +131 °F)

ELECTRICAL SPECIFICATIONS
Electrical function : push to shut off, twist to release
Current/voltage rating : AC-15 1.5 A 250 VAC, 6 A 250 VAC
Electrical life : 6,050 cycles
Contact gap : > 3 mm
Insulation resistance : 50 MΩ min
Dielectric test voltage : 2,900 V

GENERAL SPECIFICATIONS
Panel thickness : 6 mm (.236) max.
Mechanical life : 6,050 cycles
Operating force : 18 to 20 N
Torque : 0.8 Nm
Soldering : 350 °C (662 °F) , 5 seconds (IEC 68-2-2-20Tb, method 2)
Switch terminals : solder/ quick-connect 2.8 mm (.110) (IEC 68-2-20)
company reserves the right to change specifications without notice.




Similar Part No. - A01ES-D

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A01 DBLECTRO-A01 Datasheet
282Kb / 1P
IDC SOCKET
logo
XP Power Limited
A01 XPPOWER-A01 Datasheet
1Mb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Mitsumi Electronics, Co...
A01 MITSUMI-A01 Datasheet
51Kb / 4P
3 to 4 cell Lithium-ion/Lithium-polymer battery secondaryr potection protection IC
logo
M-System Co.,Ltd.
A01 MSYSTEM-A01 Datasheet
87Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
logo
RCD COMPONENTS INC.
A01-100NS-B RCD-A01-100NS-B Datasheet
90Kb / 1P
ACTIVE (DIGITAL) DELAY LINES SINGLE, DUAL, TRIPLE, QUAD DELAYS
More results


Similar Description - A01ES-D

ManufacturerPart #DatasheetDescription
logo
IDEC Corporation
XA-SERIES IDEC-XA-SERIES Datasheet
3Mb / 64P
Emergency Stop Switches
JULY 2017
logo
CONEC Elektronische Bau...
15-00629X CONEC-15-00629X Datasheet
256Kb / 2P
RECOMMENDED PANEL CUT-OUT
15-00630X CONEC-15-00630X Datasheet
342Kb / 2P
RECOMMENDED PANEL CUT-OUT
15-00625 CONEC-15-00625 Datasheet
404Kb / 2P
RECOMMENDED PANEL CUT-OUT
logo
List of Unclassifed Man...
A0151B ETC2-A0151B Datasheet
822Kb / 7P
ILLUMINATED OR NON-ILLUMINATED PUSHBUTTON SWITCHES Panel cut-out 횠16 (.630)
logo
Schneider Electric
XB7NT844 SCHNEIDER-XB7NT844 Datasheet
122Kb / 6P
Emergency stop push button, Harmony XB7, Ø22 mm, red, mushroom head Ø 40 mm, pull, 2 NC
Jan 11, 2022
XB7NT842 SCHNEIDER-XB7NT842 Datasheet
121Kb / 6P
Emergency stop push button, Harmony XB7, Ø22 mm, red mushroom Ø 40 mm, trigger latching pull 1NC
Jul 8, 2022
logo
List of Unclassifed Man...
FMC12A2100000 ETC2-FMC12A2100000 Datasheet
279Kb / 3P
Snap-in rocker switches - panel cut-out 19 x 13 (.750 x .508)
FMC98A2200006 ETC2-FMC98A2200006 Datasheet
279Kb / 3P
Snap-in rocker switches - panel cut-out 19 x 13 (.750 x .508)
logo
Schneider Electric
9001SKR9P1LRRH13 SCHNEIDER-9001SKR9P1LRRH13 Datasheet
71Kb / 1P
SWITCH EMERGENCY STOP
Jan 13, 2022
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com