Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FHP3194 Datasheet (PDF) - Fairchild Semiconductor

FHP3194 Datasheet PDF - Fairchild Semiconductor
Part No. FHP3194
Download  FHP3194 Click to view

File Size   129.19 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 4:1 High Speed Multiplexer

FHP3194 Datasheet (PDF)

Go To PDF Page Download Datasheet
FHP3194 Datasheet PDF - Fairchild Semiconductor

Part No. FHP3194
Download  FHP3194 Click to view

File Size   129.19 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 4:1 High Speed Multiplexer

FHP3194 Datasheet (HTML) - Fairchild Semiconductor

FHP3194 Datasheet HTML 1Page - Fairchild Semiconductor FHP3194 Datasheet HTML 2Page - Fairchild Semiconductor FHP3194 Datasheet HTML 3Page - Fairchild Semiconductor FHP3194 Datasheet HTML 4Page - Fairchild Semiconductor FHP3194 Datasheet HTML 5Page - Fairchild Semiconductor FHP3194 Datasheet HTML 6Page - Fairchild Semiconductor FHP3194 Datasheet HTML 7Page - Fairchild Semiconductor

FHP3194 Product details

Description
The FHP3194 is a 4:1 analog multiplexer designed for high speed video applications. The output amplifier is a high-speed current feedback amplifier that offers stellar large signal performance of 335MHz -3dB bandwidth and 80MHz 0.1dB bandwidth. The gain of the output amplifier is selectable thru 2 external resistors (Rf and Rg), allowing further flexibility. The 2Vpp bandwidth performance, 1600V/µs slew rate, and 0.02% / 0.03° differential gain and phase exceed the requirements of high definition television (HDTV) and other multimedia applications. The output amplifier also provides ample output current to drive multiple video loads.

Features at ±5V
■ 0.1dB gain flatness to 155MHz
■ 7.5ns channel switching time
■ 0.02%/0.03° differential gain/phase error
■ 335MHz full power -3dB bandwidth at G=2
■ 1600V/µs slew rate
■ 60mA output current (easily drives three video loads)
■ 70dB channel to channel isolation
■ 13mA supply current
■ 4mA supply current in disable mode
■ 3mA supply current in shutdown mode
■ Fully specified at ±5V supplies
■ Lead (Pb) - free SOIC-14 and TSSOP-14 packages

Applications
■ Video switchers and routers
■ Multiple Input HDTV switching
■ Picture in picture video switch
■ Multi-channel ADC Driver



Similar Part No. - FHP3194

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
FHP3194 FAIRCHILD-FHP3194 Datasheet
66Kb / 4P
   PCB Layout Considerations for Video Filter / Drivers
FHP3194IM14X FAIRCHILD-FHP3194IM14X Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
FHP3194IMTC14X FAIRCHILD-FHP3194IMTC14X Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
More results

Similar Description - FHP3194

ManufacturerPart No.DatasheetDescription
Diodes Incorporated
Diodes Incorporated
ZXFV301 DIODES-ZXFV301 Datasheet
281Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Texas Instruments
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
[Old version datasheet]   4:1 High-Speed Multiplexer
Zetex Semiconductors
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Fairchild Semiconductor
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
Texas Instruments
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
Zetex Semiconductors
Zetex Semiconductors
ZXFV302 ZETEX-ZXFV302 Datasheet
270Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
Texas Instruments
Texas Instruments
OPA4872-EP TI1-OPA4872-EP_12 Datasheet
1,011Kb / 25P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
National Semiconductor (TI)
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
CLC533 NSC-CLC533 Datasheet
1Mb / 9P
   High-Speed 4:1 Analog Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz