Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0AKH Datasheet (PDF) - Bel Fuse Inc.

0AKH Datasheet PDF - Bel Fuse Inc.
Part # 0AKH
Download  0AKH Download

File Size   520.48 Kbytes
Page   3 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Fast-Acting Fuse Series

0AKH Datasheet (PDF)

Go To PDF Page Download Datasheet
0AKH Datasheet PDF - Bel Fuse Inc.

Part # 0AKH
Download  0AKH Click to download

File Size   520.48 Kbytes
Page   3 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Fast-Acting Fuse Series

0AKH Datasheet (HTML) - Bel Fuse Inc.


0AKH Product details

Description
1000VDC rated Square Body fuse, designed for EV/ESS

Features
- 1000Vdc ideal for EV or HEV application
- Excellent DC performance
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863

Applications
EV/HEV/ESS Applications




Similar Part No. - 0AKH

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
0AK31 APEX-ELECTRONICS-0AK31 Datasheet
489Kb / 3P
   Slim metal rotary encoder, 11mm diameter, SMD or thru-hole
0AK42 APEX-ELECTRONICS-0AK42 Datasheet
489Kb / 3P
   Slim metal rotary encoder, 11mm diameter, SMD or thru-hole
logo
Bel Fuse Inc.
0AKK BEL-0AKK Datasheet
499Kb / 3P
   Electric Vehicle Power Fuses
Rev. 0AKK Jul2022
0AKK-9630-BB BEL-0AKK-9630-BB Datasheet
499Kb / 3P
   Electric Vehicle Power Fuses
Rev. 0AKK Jul2022
0AKK-9630-XX BEL-0AKK-9630-XX Datasheet
499Kb / 3P
   Electric Vehicle Power Fuses
Rev. 0AKK Jul2022
More results


Similar Description - 0AKH

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ADBC BEL-0ADBC Datasheet
1Mb / 4P
   FAST ACTING FUSE SERIES
0ADAC BEL-0ADAC Datasheet
1Mb / 4P
   FAST ACTING FUSE SERIES
0ADEC BEL-0ADEC Datasheet
1Mb / 4P
   FAST ACTING FUSE SERIES
logo
Littelfuse
225100 LITTELFUSE-225100_1 Datasheet
42Kb / 1P
   2AG Fast-Acting Fuse
logo
Bel Fuse Inc.
0ALA BEL-0ALA Datasheet
347Kb / 3P
   1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
0ADHC0440-BE BEL-0ADHC0440-BE Datasheet
880Kb / 4P
   Type 0ADH Fast-Acting Fuse Series
logo
Littelfuse
435 LITTELFUSE-435_V01 Datasheet
563Kb / 3P
   435 Series 0402 Fast-Acting Fuse
Revised: BO. 11/13/20
logo
Eaton All Rights Reserv...
GMW EATON-GMW Datasheet
185Kb / 2P
   Specialty fuse fast-acting and fuse holder
logo
Cooper Bussmann, Inc.
504-GMT-5A COOPER-504-GMT-5A Datasheet
185Kb / 3P
   Fast-Acting Indicating Telecom Fuse
logo
Littelfuse
0275.062M- LITTELFUSE-0275.062M- Datasheet
85Kb / 2P
   PICO짰 Fuse Very Fast-Acting Fuse 275/276 Series
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com