Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGH40N60SFDTU Datasheet (PDF) - ON Semiconductor

FGH40N60SFDTU Datasheet PDF - ON Semiconductor
Part # FGH40N60SFDTU
Download  FGH40N60SFDTU Download
File Size   815.57 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description IGBT - Field Stop 600 V, 40 A

FGH40N60SFDTU Datasheet (PDF)

Go To PDF Page Download Datasheet
FGH40N60SFDTU Datasheet PDF - ON Semiconductor

Part # FGH40N60SFDTU
Download  FGH40N60SFDTU Click to download

File Size   815.57 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description IGBT - Field Stop 600 V, 40 A

FGH40N60SFDTU Datasheet (HTML) - ON Semiconductor


FGH40N60SFDTU Product details

Description
Using Novel Field Stop IGBT Technology, ON Semiconductor’s
new series of Field Stop IGBTs offer the optimum performance for
Automotive Chargers, Inverter, and other applications where low
conduction and switching losses are essential.

Features
• High Current Capability
• Low Saturation Voltage: VCE(sat) = 2.3 V @ IC = 40 A
• High Input Impedance
• Fast Switching
• Qualified to Automotive Requirements of AEC−Q101
(FGH40N60SFDTU−F085)
• These Devices are Pb−Free and are RoHS Compliant

Applications
• Automotive Chargers, Converters, High Voltage Auxiliaries
• Inverters, PFC, UPS




Similar Part No. - FGH40N60SFDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH40N60SFDTU FAIRCHILD-FGH40N60SFDTU Datasheet
291Kb / 9P
600 V, 40 A Field Stop IGBT
FGH40N60SFDTU FAIRCHILD-FGH40N60SFDTU Datasheet
298Kb / 14P
DESIGN/PROCESS CHANGE NOTIFICATION
More results


Similar Description - FGH40N60SFDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH40N60SFDTU FAIRCHILD-FGH40N60SFDTU Datasheet
291Kb / 9P
600 V, 40 A Field Stop IGBT
FGH20N60UFD FAIRCHILD-FGH20N60UFD_13 Datasheet
282Kb / 9P
600 V, 20 A Field Stop IGBT
FGH20N60UFDTU FAIRCHILD-FGH20N60UFDTU Datasheet
282Kb / 9P
600 V, 20 A Field Stop IGBT
FGAF40N60SMD FAIRCHILD-FGAF40N60SMD Datasheet
971Kb / 10P
600 V, 40 A Field Stop IGBT
FGH40N60UFTU FAIRCHILD-FGH40N60UFTU Datasheet
308Kb / 8P
600 V, 40 A Field Stop IGBT
logo
ON Semiconductor
FGH40N60SMD-F085 ONSEMI-FGH40N60SMD-F085 Datasheet
375Kb / 10P
IGBT - Field Stop 600 V, 40 A
February, 2020 ??Rev. 4
FGH60N60SMD ONSEMI-FGH60N60SMD Datasheet
488Kb / 11P
IGBT - Field Stop 600 V, 60 A
January, 2020 - Rev. 3
FGH20N60SFDTU ONSEMI-FGH20N60SFDTU Datasheet
812Kb / 9P
IGBT - Field Stop 600 V, 20 A
February, 2020 - Rev. 3
FGH60N60SFDTU-F085 ONSEMI-FGH60N60SFDTU-F085 Datasheet
475Kb / 9P
IGBT - Field Stop 600 V, 60 A
February, 2020 - Rev. 3
logo
Fairchild Semiconductor
FGH60N60SFD FAIRCHILD-FGH60N60SFD_V01 Datasheet
418Kb / 9P
600 V, 60 A Field Stop IGBT
Rev. 1.4 March 2015
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com