Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQA9N90C-F109 Datasheet (PDF) - ON Semiconductor

FQA9N90C-F109 Datasheet PDF - ON Semiconductor
Part # FQA9N90C-F109
Download  FQA9N90C-F109 Download

File Size   1965.37 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel QFET® MOSFET 900 V, 9 A, 1.4 Ω

FQA9N90C-F109 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQA9N90C-F109 Datasheet PDF - ON Semiconductor

Part # FQA9N90C-F109
Download  FQA9N90C-F109 Click to download

File Size   1965.37 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel QFET® MOSFET 900 V, 9 A, 1.4 Ω

FQA9N90C-F109 Datasheet (HTML) - ON Semiconductor

FQA9N90C-F109 Datasheet HTML 1Page - ON Semiconductor FQA9N90C-F109 Datasheet HTML 2Page - ON Semiconductor FQA9N90C-F109 Datasheet HTML 3Page - ON Semiconductor FQA9N90C-F109 Datasheet HTML 4Page - ON Semiconductor FQA9N90C-F109 Datasheet HTML 5Page - ON Semiconductor FQA9N90C-F109 Datasheet HTML 6Page - ON Semiconductor FQA9N90C-F109 Datasheet HTML 7Page - ON Semiconductor FQA9N90C-F109 Datasheet HTML 8Page - ON Semiconductor FQA9N90C-F109 Datasheet HTML 9Page - ON Semiconductor

FQA9N90C-F109 Product details

Description
This N-Channel enhancement mode power MOSFET is
produced using ON Semiconductor’s proprietary planar
stripe and DMOS technology. This advanced MOSFET
technology has been especially tailored to reduce on-state
resistance, and to provide superior switching performance and
high avalanche energy strength. These devices are suitable for
switched mode power supplies, active power factor correction
(PFC), and electronic lamp ballasts.

Features
• 9 A, 900 V, RDS(on) = 1.4 Ω (Max.) @ VGS = 10 V, ID = 4.5 A
• Low Gate Charge (Typ. 45 nC)
• Low Crss . 14 pF)
• 100% Avalanche Tested
• RoHS compliant




Similar Part No. - FQA9N90C-F109

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
798Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
804Kb / 8P
   900V N-Channel MOSFET
logo
Thinki Semiconductor Co...
FQA9N90C THINKISEMI-FQA9N90C Datasheet
2Mb / 7P
   ThinkiSemi 9.0A,900V Planar N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
FQA9N90C ISC-FQA9N90C Datasheet
342Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - FQA9N90C-F109

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FQA9N90-F109 ONSEMI-FQA9N90-F109 Datasheet
1Mb / 9P
   N-Channel QFET® MOSFET 900 V, 8.6 A, 1.3 Ω
September-2017, Rev. 3
logo
Fairchild Semiconductor
FQPF9N90CT FAIRCHILD-FQPF9N90CT Datasheet
1Mb / 10P
   N-Channel QFET MOSFET 900 V, 8.0 A, 1.4 Ohm
FQP2N60C FAIRCHILD-FQP2N60C_V01 Datasheet
1Mb / 10P
   N-Channel QFET® MOSFET 600 V, 2 A, 4.7 Ω
2003 Fairchild Semiconductor Corporation
FQD4N20TF FAIRCHILD-FQD4N20TF Datasheet
781Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.0 A, 1.4
FQA11N90C-F109 FAIRCHILD-FQA11N90C-F109 Datasheet
1Mb / 8P
   FQA11N90C_F109 N-Channel QFET MOSFET 900 V, 11 A, 1.1 Ohm
FQD12N20TM FAIRCHILD-FQD12N20TM Datasheet
862Kb / 9P
   N-Channel QFET MOSFET 200 V, 9 A, 280 m
logo
ON Semiconductor
FQA90N15-F109 ONSEMI-FQA90N15-F109 Datasheet
1Mb / 8P
   N-Channel QFET® MOSFET 150 V, 90 A, 18 mΩ
September-2017, Rev. 2
logo
Fairchild Semiconductor
FQNL2N50BTA FAIRCHILD-FQNL2N50BTA Datasheet
786Kb / 8P
   N-Channel QFET MOSFET 500 V, 0.35 A, 5.3
FQD5N20LTM FAIRCHILD-FQD5N20LTM Datasheet
863Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.8 A, 1.2
FQD6N25TM FAIRCHILD-FQD6N25TM Datasheet
859Kb / 8P
   N-Channel QFET MOSFET 250 V, 4.4 A, 1.0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com