Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9000 Datasheet (PDF) - Altera Corporation

MAX9000 Datasheet PDF - Altera Corporation
Part # MAX9000
Download  MAX9000 Download

File Size   1402.78 Kbytes
Page   42 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Programmable Logic Device Family

MAX9000 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9000 Datasheet PDF - Altera Corporation

Part # MAX9000
Download  MAX9000 Click to download

File Size   1402.78 Kbytes
Page   42 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Programmable Logic Device Family

MAX9000 Datasheet (HTML) - Altera Corporation

Back Button MAX9000 Datasheet HTML 1Page - Altera Corporation MAX9000 Datasheet HTML 2Page - Altera Corporation MAX9000 Datasheet HTML 3Page - Altera Corporation MAX9000 Datasheet HTML 4Page - Altera Corporation MAX9000 Datasheet HTML 5Page - Altera Corporation MAX9000 Datasheet HTML 6Page - Altera Corporation MAX9000 Datasheet HTML 7Page - Altera Corporation MAX9000 Datasheet HTML 8Page - Altera Corporation MAX9000 Datasheet HTML 9Page - Altera Corporation MAX9000 Datasheet HTML 10Page - Altera Corporation Next Button 

MAX9000 Product details

General Description
The MAX 9000 family of in-system-programmable, high-density, highperformance EPLDs is based on Altera’s third-generation MAX architecture. Fabricated on an advanced CMOS technology, the EEPROMbased MAX 9000 family provides 6,000 to 12,000 usable gates, pin-to-pin delays as fast as 10 ns, and counter speeds of up to 144 MHz. The -10 speed grade of the MAX 9000 family is compliant with the PCI Local Bus Specification, Revision 2.2. Table 3 shows the speed grades available for MAX 9000 devices.
   
Features...
■ High-performance CMOS EEPROM-based programmable logic
    devices (PLDs) built on third-generation Multiple Array MatriX
    (MAX®) architecture
■ 5.0-V in-system programmability (ISP) through built-in IEEE Std.
    1149.1 Joint Test Action Group (JTAG) interface
■ Built-in JTAG boundary-scan test (BST) circuitry compliant with IEEE
    Std. 1149.1-1990
■ High-density erasable programmable logic device (EPLD) family
    ranging from 6,000 to 12,000 usable gates (see Table 1)
■ 10-ns pin-to-pin logic delays with counter frequencies of up to
    144 MHz
■ Fully compliant with the peripheral component interconnect Special
    Interest Group’s (PCI SIG) PCI Local Bus Specification, Revision 2.2
■ Dual-output macrocell for independent use of combinatorial and
    registered logic
■ FastTrack® Interconnect for fast, predictable interconnect delays
■ Input/output registers with clear and clock enable on all I/O pins
■ Programmable output slew-rate control to reduce switching noise
■ MultiVolt™ I/O interface operation, allowing devices to interface with
    3.3-V and 5.0-V devices
■ Configurable expander product-term distribution allowing up to 32
    product terms per macrocell
■ Programmable power-saving mode for more than 50% power
    reduction in each macrocell   
■ Programmable macrocell flipflops with individual clear, preset,
    clock, and clock enable controls
■ Programmable security bit for protection of proprietary designs
■ Software design support and automatic place-and-route provided by
    Altera’s MAX+PLUS® II development system on Windows-based
    PCs as well as Sun SPARCstation, HP 9000 Series 700/800, and IBM
    RISC System/6000 workstations
■ Additional design entry and simulation support provided by EDIF
    2 0 0 and 3 0 0 netlist files, library of parameterized modules (LPM),
    Verilog HDL, VHDL, and other interfaces to popular EDA tools from
    manufacturers such as Cadence, Exemplar Logic, Mentor Graphics,
    OrCAD, Synopsys, Synplicity, and VeriBest
■ Programming support with Altera’s Master Programming Unit
    (MPU), BitBlasterTM serial download cable, ByteBlasterTM parallel
    port download cable, and ByteBlasterMVTM parallel port download
    cable, as well as programming hardware from third-party
    manufacturers
■ Offered in a variety of package options with 84 to 356 pins (see
    Table 2)
   




Similar Part No. - MAX9000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9000 MAXIM-MAX9000 Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
logo
Altera Corporation
MAX9000 ALTERA-MAX9000 Datasheet
564Kb / 46P
   Programmable Logic Device Family
MAX9000 ALTERA-MAX9000 Datasheet
564Kb / 46P
   Programmable Logic Device Family
logo
Maxim Integrated Produc...
MAX9000ESA MAXIM-MAX9000ESA Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
MAX9000EUA MAXIM-MAX9000EUA Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
More results


Similar Description - MAX9000

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com