Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GA355DR7GF472KW01L Datasheet (PDF) - Murata Manufacturing Co., Ltd

GA355DR7GF472KW01L Datasheet PDF - Murata Manufacturing Co., Ltd
Part No. GA355DR7GF472KW01L
Download  GA355DR7GF472KW01L Click to view

File Size   205.52 Kbytes
Page   1 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description MURATA Safety Rated Ceramic Chip Capacitors

GA355DR7GF472KW01L Datasheet (PDF)

Go To PDF Page Download Datasheet
GA355DR7GF472KW01L Datasheet PDF - Murata Manufacturing Co., Ltd

Part No. GA355DR7GF472KW01L
Download  GA355DR7GF472KW01L Click to view

File Size   205.52 Kbytes
Page   1 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description MURATA Safety Rated Ceramic Chip Capacitors

GA355DR7GF472KW01L Datasheet (HTML) - Murata Manufacturing Co., Ltd

GA355DR7GF472KW01L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd

GA355DR7GF472KW01L Product details

• Lead Free • 250 VAC (r.m.s.)
• Base metal and lead-free technology
• GA3 is safety Rated (Y2/Y3)
• Operating Temperature: -55°C to +125°C
• Temperature Coefficient: X7R



Similar Part No. - GA355DR7GF472KW01L

ManufacturerPart No.DatasheetDescription
Vicor Corporation
Vicor Corporation
GA355DR7GF472KW01L VICOR-GA355DR7GF472KW01L Datasheet
1Mb / 6P
   VI BRICK짰 AC Front End Evaluation Board
More results

Similar Description - GA355DR7GF472KW01L

ManufacturerPart No.DatasheetDescription
HolyStone International
HolyStone International
SCC HOLYSTONECAPS-SCC Datasheet
220Kb / 3P
   Safety Capacitors rated to 250Vac
MERITEK ELECTRONICS CORPORATION
MERITEK ELECTRONICS COR...
MSC MERITEK-MSC Datasheet
286Kb / 4P
   Safety Chip Capacitors
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
1442116 MURATA-1442116 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KH102MN3A MURATA-DE2E3KH102MN3A Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1B3KX101KA4BL01 MURATA-DE1B3KX101KA4BL01 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Panasonic Semiconductor
Panasonic Semiconductor
ECK-NVS222ME PANASONIC-ECK-NVS222ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECCTBC100DG PANASONIC-ECCTBC100DG_07 Datasheet
247Kb / 5P
   Ceramic Capacitors (Safety Regulation SMD)
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
294931 MURATA-294931 Datasheet
181Kb / 10P
   Safety Standard Recognized Ceramic Capacitors
Panasonic Semiconductor
Panasonic Semiconductor
ECK-ATS103MF PANASONIC-ECK-ATS103MF Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
DE1E3KX222MN5AA01 MURATA-DE1E3KX222MN5AA01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
More results

Datasheet Page

1 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz