Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRF2401AG Datasheet (PDF) - List of Unclassifed Manufacturers

NRF2401AG Datasheet PDF - List of Unclassifed Manufacturers
Part # NRF2401AG
Download  NRF2401AG Download

File Size   248.28 Kbytes
Page   38 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Single chip 2.4 GHz Transceiver

NRF2401AG Datasheet (PDF)

Go To PDF Page Download Datasheet
NRF2401AG Datasheet PDF - List of Unclassifed Manufacturers

Part # NRF2401AG
Download  NRF2401AG Click to download

File Size   248.28 Kbytes
Page   38 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Single chip 2.4 GHz Transceiver

NRF2401AG Datasheet (HTML) - List of Unclassifed Manufacturers


NRF2401AG Product details

[NORDIC]



GENERAL DESCRIPTION

nRF2401A is a single-chip radio transceiver for the world wide 2.4 - 2.5 GHz ISM band. The transceiver consists of a fully integrated frequency synthesizer, a power amplifier, a crystal oscillator and a modulator. Output power and frequency channels are easily programmable by use of the 3-wire serial interface. Current consumption is very low, only 10.5mA at an output power of -5dBm and 18mA in receive mode. Built-in Power Down modes makes power saving easily realizable.



FEATURES

•  True single chip GFSK transceiver in a small 24-pin package (QFN24 5x5mm)

•  Data rate 0 to1Mbps

•  Only 2 external components

•  Multi channel operation

   •  125 channels

   •  Channel switching time <200µs.

   •  Support frequency hopping

•  Data slicer / clock recovery of data

•  Address and CRC computation

•  DuoCeiver™ for simultaneous dual receiver topology

•  ShockBurst™ mode for ultra-low power operation and relaxed MCU performance

•  Power supply range: 1.9 to 3.6 V

•  Low supply current (TX), typical 10.5mA peak@ -5dBm output power

•  Low supply current (RX), typical 18mA peak in receive mode

•  100 % RF tested

•  No need for external SAW filter

•  World wide use



APPLICATIONS

•  Wireless mouse, keyboard, joystick

•  Keyless entry

•  Wireless data communication

•  Alarm and security systems

•  Home automation

•  Surveillance

•  Automotive

•  Telemetry

•  Intelligent sports equipment

•  Industrial sensors

•  Toys




Similar Part No. - NRF2401AG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRF2401 ETC-NRF2401 Datasheet
850Kb / 37P
   Single chip 2.4 GHz Transceiver
NRF2401-EVKIT ETC-NRF2401-EVKIT Datasheet
850Kb / 37P
   Single chip 2.4 GHz Transceiver
NRF2401IC ETC-NRF2401IC Datasheet
850Kb / 37P
   Single chip 2.4 GHz Transceiver
More results


Similar Description - NRF2401AG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRF2401 ETC-NRF2401 Datasheet
850Kb / 37P
   Single chip 2.4 GHz Transceiver
NRF24L01 ETC1-NRF24L01 Datasheet
457Kb / 39P
   Single chip 2.4 GHz Transceiver
logo
Intersil Corporation
CD54AC280 INTERSIL-CD54AC280 Datasheet
9Kb / 1P
   2.4 GHZ WDECT/ISM SINGLE-CHIP TRANSCEIVER
logo
ATMEL Corporation
T2803 ATMEL-T2803 Datasheet
501Kb / 27P
   2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
T2803 ATMEL-T2803_05 Datasheet
582Kb / 28P
   2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
T2802 ATMEL-T2802 Datasheet
550Kb / 29P
   2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
logo
List of Unclassifed Man...
NRF2402 ETC1-NRF2402 Datasheet
368Kb / 31P
   Single chip 2.4 GHz Transmitter
logo
Cypress Semiconductor
CYRF7936 CYPRESS-CYRF7936 Datasheet
1Mb / 21P
   2.4 GHz CyFi??Transceiver
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
logo
List of Unclassifed Man...
BT2577 ETC-BT2577 Datasheet
311Kb / 4P
   2.4 GHZ RF TRANSCEIVER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com