Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB1507 Datasheet (PDF) - Fujitsu Component Limited.

MB1507 Datasheet PDF - Fujitsu Component Limited.
Part # MB1507
Download  MB1507 Download

File Size   117.12 Kbytes
Page   14 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description SERIAL INPUT PLL FREQUENCY SYNTHESIZER

MB1507 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB1507 Datasheet PDF - Fujitsu Component Limited.

Part # MB1507
Download  MB1507 Click to download

File Size   117.12 Kbytes
Page   14 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description SERIAL INPUT PLL FREQUENCY SYNTHESIZER

MB1507 Datasheet (HTML) - Fujitsu Component Limited.


MB1507 Product details

SERIAL INPUT PLL FREQUENCY SYNTHESIZER WITH 2.0GHZ PRESCALER



The Fujitsu MB1507 is a single chip serial input PLL frequency synthesizer designed for Broadcast Satelite tuner and cellular telephone applications. It contains a 2.0 GHZ dual modulus prescaler which enables pulse swallow function, and an analog switch to speed up lock up time. It operates supply voltage of 5.0V typ. and dissipates 18mA typ. of current realized through the use of Fujitsu’s unique U-ESBIC Bi-CMOS technology.



• High operating frequency: fIN MAX=2.0GHZ (PIN MIN=–4dBm)

• Pulse swallow function: 128/129 or 256/257

• Low supply current: ICC=18mA typ.

• Serial input 19-bit programmable divider consisting of:

   Binary 8-bit swallow counter: 0 to 255

   Binary 11-bit programmable counter: 16 to 2047

• Serial input 15-bit programmable reference divider consisting of:

   Binary 14-bit programmable reference counter: 8 to 16383

   1-bit switch counter (SW) Sets divide ratio of prescaler

• On-chip analog switch achieves fast lock up time

• 2types of phase detector output

   On-chip charge pump (Bipolar type)

   Output for external charge pump

• Wide operating temperature: –40°C to +85°C

• 16-pin Plastic Flat Package (Suffix: –PF)



 




Similar Part No. - MB1507

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MB1500ERU MPD-MB1500ERU Datasheet
722Kb / 4P
   Low Cost, 1 x 2 Inch 15W, 4:1 Input Range DC/DC Converters
MB1500ERW MPD-MB1500ERW Datasheet
589Kb / 4P
   MB1500ERW
MB1500MRWRI4 MPD-MB1500MRWRI4 Datasheet
480Kb / 4P
   EN 60601 Approved Compact, 2:1 Input, 15W DC/DC Con vert ers
logo
Fujitsu Component Limit...
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501H FUJITSU-MB1501H Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Similar Description - MB1507

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
ML12210 LANSDALE-ML12210 Datasheet
453Kb / 11P
   Serial Input PLL Frequency Synthesizer
ML12210 LANSDALE-ML12210_08 Datasheet
145Kb / 11P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12202 MOTOROLA-MC12202 Datasheet
165Kb / 12P
   Serial Input PLL Frequency Synthesizer
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com