Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE8981 Datasheet (PDF) - Advanced Power Electronics Corp.

APE8981 Datasheet PDF - Advanced Power Electronics Corp.
Part # APE8981
Download  APE8981 Download

File Size   200.38 Kbytes
Page   11 Pages
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.
Description 3A ULTRA LOW DROPOUT LINEAR REGULATOR

APE8981 Datasheet (PDF)

Go To PDF Page Download Datasheet
APE8981 Datasheet PDF - Advanced Power Electronics Corp.

Part # APE8981
Download  APE8981 Click to download

File Size   200.38 Kbytes
Page   11 Pages
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.
Description 3A ULTRA LOW DROPOUT LINEAR REGULATOR

APE8981 Datasheet (HTML) - Advanced Power Electronics Corp.

Back Button APE8981 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8981 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8981 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8981 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8981 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8981 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8981 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8981 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE8981 Datasheet HTML 9Page - Advanced Power Electronics Corp. APE8981 Datasheet HTML 10Page - Advanced Power Electronics Corp. Next Button 

APE8981 Product details

FEATURES
Ultra Low Dropout 0.21V(typical) @ 2A Output
Current for 1.2V Output Voltage
Low ESR Output Capacitor (Multi-layer Chip
Capacitors (MLCC)) Applicable
EN Pull-low for APE8981MP-A
EN Pull-high for APE8981MP-B
Fast Transient Response
Adjustable Output Voltage by External Resistors
Power-On-Reset Monitoring on Both VCNTL
and VIN Pins
Internal Soft-Start
Current-Limit and Thermal Shutdown Protection
Power-OK Output with a Delay Time
SO-8 with Exposed Pad Pb-Free &
DFN 3x3-10L Package.




Similar Part No. - APE8981

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8981 A-POWER-APE8981_16 Datasheet
115Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Similar Description - APE8981

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8963 A-POWER-APE8963_14 Datasheet
152Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4230 HTC-TJ4230 Datasheet
211Kb / 9P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8903C A-POWER-APE8903C Datasheet
114Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
UP7706 ETC2-UP7706 Datasheet
369Kb / 12P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8903B A-POWER-APE8903B Datasheet
1Mb / 10P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L1806 UTC-L1806 Datasheet
227Kb / 7P
   3A, ULTRA LOW DROPOUT LINEAR REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com