Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A000066 Datasheet (PDF) - List of Unclassifed Manufacturers

A000066 Datasheet PDF - List of Unclassifed Manufacturers
Part # A000066
Download  A000066 Download

File Size   434.93 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description The Arduino UNO R3 is the perfect board to get familiar with electronics and coding.

A000066 Datasheet (PDF)

Go To PDF Page Download Datasheet
A000066 Datasheet PDF - List of Unclassifed Manufacturers

Part # A000066
Download  A000066 Click to download

File Size   434.93 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description The Arduino UNO R3 is the perfect board to get familiar with electronics and coding.

A000066 Datasheet (HTML) - List of Unclassifed Manufacturers


A000066 Product details

Description

The Arduino UNO R3 is the perfect board to get familiar with electronics and coding. This versatile microcontroller
is equipped with the well-known ATmega328P and the ATMega 16U2 Processor.
This board will give you a great first experience within the world of Arduino.

Features

ATMega328P Processor
Memory
AVR CPU at up to 16 MHz
32KB Flash
2KB SRAM
1KB EEPROM
Security
Power On Reset (POR)
Brown Out Detection (BOD)
Peripherals
2x 8-bit Timer/Counter with a dedicated period register and compare channels
1x 16-bit Timer/Counter with a dedicated period register, input capture and compare channels
1x USART with fractional baud rate generator and start-of-frame detection
1x controller/peripheral Serial Peripheral Interface (SPI)
1x Dual mode controller/peripheral I2C
1x Analog Comparator (AC) with a scalable reference input
Watchdog Timer with separate on-chip oscillator
Six PWM channels
Interrupt and wake-up on pin change
ATMega16U2 Processor
8-bit AVR® RISC-based microcontroller
Memory
16 KB ISP Flash
512B EEPROM
512B SRAM
debugWIRE interface for on-chip debugging and programming
Power
2.7-5.5 volts




Similar Part No. - A000066

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
A000066 ATMEL-A000066 Datasheet
12Mb / 448P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
logo
Arduino
A000066 ARDUINO-A000066 Datasheet
4Mb / 49P
   ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
A000066 ARDUINO-A000066 Datasheet
719Kb / 14P
   Arduino® UNO R3
30/04/2024
A000066 ARDUINO-A000066_V01 Datasheet
719Kb / 14P
   Arduino® UNO R3
30/04/2024
A000066 ARDUINO-A000066_V02 Datasheet
2Mb / 26P
   Arduino® UNO R3
15/11/2024
More results


Similar Description - A000066

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
   Arduino Uno
BD1020HFV-EVK-001 ROHM-BD1020HFV-EVK-001 Datasheet
688Kb / 3P
   Arduino Uno
BM1422AGMV-EVK-001 ROHM-BM1422AGMV-EVK-001 Datasheet
695Kb / 3P
   Arduino Uno 1pcs
logo
List of Unclassifed Man...
A000005 ETC-A000005 Datasheet
303Kb / 4P
   The Arduino Nano is a small, complete, and breadboard-friendly board based on the ATmega328 (Arduino Nano 3.0) or ATmega168 (Arduino Nano 2.x).
logo
Dorji Industrial Group ...
DAD06 DORJI-DAD06 Datasheet
533Kb / 9P
   SX1262 testing board for Arduino UNO and ST Nucleo--L053R8
logo
Arduino
ABX00062 ARDUINO-ABX00062 Datasheet
4Mb / 12P
   Arduino® UNO Mini
24/11/2021
ABX00087 ARDUINO-ABX00087 Datasheet
8Mb / 23P
   Arduino® UNO R4 WiFi
08/06/2023
ABX00080 ARDUINO-ABX00080 Datasheet
2Mb / 17P
   Arduino® UNO R4 Minima
25/07/2023
logo
CITIZEN ELECTRONICS CO....
CLU029-1202C8 CITIZEN-CLU029-1202C8 Datasheet
625Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
CLU029-1203C8 CITIZEN-CLU029-1203C8 Datasheet
650Kb / 15P
   CITIZEN ELECTRONICS is the first COB manufacture
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com