Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLK017XP Datasheet (PDF) - Eudyna Devices Inc

FLK017XP Datasheet PDF - Eudyna Devices Inc
Part # FLK017XP
Download  FLK017XP Download
File Size   59.25 Kbytes
Page   4 Pages
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc
Description GaAs FET & HEMT Chips

FLK017XP Datasheet (PDF)

Go To PDF Page Download Datasheet
FLK017XP Datasheet PDF - Eudyna Devices Inc

Part # FLK017XP
Download  FLK017XP Click to download

File Size   59.25 Kbytes
Page   4 Pages
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc
Description GaAs FET & HEMT Chips

FLK017XP Datasheet (HTML) - Eudyna Devices Inc


FLK017XP Product details

DESCRIPTION
The FLK017XP chip is a power GaAs FET that is designed for general purpose applications in the Ku-Band frequency range as it provides superior power, gain, and efficiency.
Fujitsu’s stringent Quality Assurance Program assures the highest reliability and consistent performance.

FEATURES
• High Output Power: P1dB = 20.5dBm(Typ.)
• High Gain: G1dB = 8.0dB(Typ.)
• High PAE: ηadd = 26%(Typ.)
• Proven Reliability




Similar Part No. - FLK017XP

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLK017WF EUDYNA-FLK017WF Datasheet
110Kb / 4P
X, Ku Band Power GaAs FET
More results


Similar Description - FLK017XP

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FHX13X EUDYNA-FHX13X Datasheet
64Kb / 4P
GaAs FET & HEMT Chips
FLC087XP EUDYNA-FLC087XP Datasheet
58Kb / 4P
GaAs FET & HEMT Chips
FLC157XP EUDYNA-FLC157XP Datasheet
60Kb / 4P
GaAs FET & HEMT Chips
FLK027XP EUDYNA-FLK027XP Datasheet
97Kb / 4P
GaAs FET & HEMT Chips
FLK057XV EUDYNA-FLK057XV Datasheet
58Kb / 4P
GaAs FET & HEMT Chips
FLK107XV EUDYNA-FLK107XV Datasheet
63Kb / 4P
GaAs FET & HEMT Chips
FLK207XV EUDYNA-FLK207XV Datasheet
70Kb / 4P
GaAs FET & HEMT Chips
FSX017X EUDYNA-FSX017X Datasheet
89Kb / 4P
GaAs FET & HEMT Chips
FLX257XV EUDYNA-FLX257XV Datasheet
58Kb / 4P
GaAs FET & HEMT Chips
FHX04X EUDYNA-FHX04X Datasheet
56Kb / 4P
GaAs FET & HEMT Chips
More results




About Eudyna Devices Inc


Eudyna Devices Inc. is a semiconductor company that specializes in the design, development, and production of high-frequency, high-power, and high-reliability semiconductor devices. The company was founded in 1999 in Japan and has since expanded globally, with subsidiaries in the United States, Europe, and Asia.

Eudyna Devices Inc. produces a wide range of products, including microwave and millimeter-wave transistors, amplifiers, and diodes, which are used in various applications such as wireless communications, satellite broadcasting, and radar systems. The company's products are known for their high performance and reliability, and they are used by major companies in the telecommunications and defense industries.

In 2015, Eudyna Devices Inc. merged with Fujitsu Electronics Inc. to form the new company, Fujitsu Electronics Inc. The company continues to operate under the Fujitsu brand, and its products are marketed under the name Fujitsu RF Devices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com