Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLK017WF Datasheet (PDF) - Eudyna Devices Inc

FLK017WF Datasheet PDF - Eudyna Devices Inc
Part # FLK017WF
Download  FLK017WF Download

File Size   110.19 Kbytes
Page   4 Pages
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc
Description X, Ku Band Power GaAs FET

FLK017WF Datasheet (PDF)

Go To PDF Page Download Datasheet
FLK017WF Datasheet PDF - Eudyna Devices Inc

Part # FLK017WF
Download  FLK017WF Click to download

File Size   110.19 Kbytes
Page   4 Pages
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc
Description X, Ku Band Power GaAs FET

FLK017WF Datasheet (HTML) - Eudyna Devices Inc

FLK017WF Datasheet HTML 1Page - Eudyna Devices Inc FLK017WF Datasheet HTML 2Page - Eudyna Devices Inc FLK017WF Datasheet HTML 3Page - Eudyna Devices Inc FLK017WF Datasheet HTML 4Page - Eudyna Devices Inc

FLK017WF Product details

DESCRIPTION

The FLK017WF is a power GaAs FET that is designed for general purpose applications in the Ku-Band frequency range as it provides superior power, gain, and efficiency.



FEATURES

• High Output Power: P1dB = 20.5dBm(Typ.)

• High Gain: G1dB = 7.5dB(Typ.)

• High PAE: ηadd = 26%(Typ.)

• Proven Reliability

• Hermetic Metal/Ceramic Package




Similar Part No. - FLK017WF

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLK017XP EUDYNA-FLK017XP Datasheet
59Kb / 4P
   GaAs FET & HEMT Chips
More results


Similar Description - FLK017WF

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLK057WG EUDYNA-FLK057WG Datasheet
93Kb / 4P
   X, Ku Band Power GaAs FET
FLX107MH-12 EUDYNA-FLX107MH-12 Datasheet
92Kb / 4P
   X, Ku Band Power GaAs FET
FLX207MH-12 EUDYNA-FLX207MH-12 Datasheet
92Kb / 4P
   X, Ku Band Power GaAs FET
FLK207MH-14 EUDYNA-FLK207MH-14 Datasheet
92Kb / 4P
   X, Ku Band Power GaAs FET
FLK107MH-14 EUDYNA-FLK107MH-14 Datasheet
92Kb / 4P
   X, Ku Band Power GaAs FET
FLK027WG EUDYNA-FLK027WG Datasheet
84Kb / 4P
   X, Ku Band Power GaAs FET
logo
NEC
NE960R575 NEC-NE960R575_01 Datasheet
28Kb / 3P
   0.5W X, Ku-BAND POWER GaAs FET
logo
California Eastern Labs
NE960R5 CEL-NE960R5 Datasheet
29Kb / 3P
   0.5W X, Ku-BAND POWER GaAs FET
logo
Mitsubishi Electric Sem...
MGFK35V4045 MITSUBISHI-MGFK35V4045_11 Datasheet
142Kb / 4P
   X/Ku band internally matched power GaAs FET
MGFK33V4045 MITSUBISHI-MGFK33V4045_11 Datasheet
138Kb / 4P
   X/Ku band internally matched power GaAs FET
More results




About Eudyna Devices Inc


Eudyna Devices Inc. is a semiconductor company that specializes in the design, development, and production of high-frequency, high-power, and high-reliability semiconductor devices. The company was founded in 1999 in Japan and has since expanded globally, with subsidiaries in the United States, Europe, and Asia.

Eudyna Devices Inc. produces a wide range of products, including microwave and millimeter-wave transistors, amplifiers, and diodes, which are used in various applications such as wireless communications, satellite broadcasting, and radar systems. The company's products are known for their high performance and reliability, and they are used by major companies in the telecommunications and defense industries.

In 2015, Eudyna Devices Inc. merged with Fujitsu Electronics Inc. to form the new company, Fujitsu Electronics Inc. The company continues to operate under the Fujitsu brand, and its products are marketed under the name Fujitsu RF Devices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com