Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX23L6414 Datasheet (PDF) - Macronix International

MX23L6414 Datasheet PDF - Macronix International
Part # MX23L6414
Download  MX23L6414 Download

File Size   41.73 Kbytes
Page   6 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 64M-BIT MASK ROM

MX23L6414 Datasheet (PDF)

Go To PDF Page Download Datasheet
MX23L6414 Datasheet PDF - Macronix International

Part # MX23L6414
Download  MX23L6414 Click to download

File Size   41.73 Kbytes
Page   6 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 64M-BIT MASK ROM

MX23L6414 Datasheet (HTML) - Macronix International

MX23L6414 Datasheet HTML 1Page - Macronix International MX23L6414 Datasheet HTML 2Page - Macronix International MX23L6414 Datasheet HTML 3Page - Macronix International MX23L6414 Datasheet HTML 4Page - Macronix International MX23L6414 Datasheet HTML 5Page - Macronix International MX23L6414 Datasheet HTML 6Page - Macronix International

MX23L6414 Product details

FEATURES
• Bit organization
    - 8Mb x 8 (byte mode)
    - 4Mb x 16 (word mode)
• Fast access time
    - Random access:90/25ns(max.)
• Page Size
    - 8 words per page
• Current
    - Operating:20mA
    - Standby:15uA(max.)
• Supply voltage
    - VCC : 2.7 ~ 3.6V
    - VCCQ : 2.7 ~ 3.6V
• Package
    - 64 ball mini BGA (10.0mm X 13.0mm, ball pitch
    1.0mm)
    - 56 pin TSOP (14mm x 20mm)
• Temperature
    - -25~85° C




Similar Part No. - MX23L6414

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
MX23L6410A MCNIX-MX23L6410A Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L6410AMC-70G MCNIX-MX23L6410AMC-70G Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L6410AMC-90G MCNIX-MX23L6410AMC-90G Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L6410ATC-70 MCNIX-MX23L6410ATC-70 Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
More results


Similar Description - MX23L6414

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPR23L6400E GENERALPLUS-GPR23L6400E Datasheet
342Kb / 10P
   64M-BIT MASK ROM
logo
Macronix International
MX23L6412 MCNIX-MX23L6412 Datasheet
194Kb / 8P
   SEQUENTIAL 64M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L6411E GENERALPLUS-GPR23L6411E Datasheet
301Kb / 10P
   64M-Bit Page Mode Mask ROM
logo
Macronix International
MX23L6413 MCNIX-MX23L6413 Datasheet
158Kb / 7P
   64M-BIT FLASH COMPATIBLE MASK ROM
MX23L6423A MCNIX-MX23L6423A Datasheet
184Kb / 6P
   64M-BIT PAGE MODE MASK ROM
MX23L6410A MCNIX-MX23L6410A Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
logo
Samsung semiconductor
KM23C64000T SAMSUNG-KM23C64000T Datasheet
71Kb / 4P
   64M-Bit (8Mx8 /4Mx16) CMOS MASK ROM
K3P7V1000 SAMSUNG-K3P7V1000 Datasheet
62Kb / 4P
   64M-Bit (8Mx8 /4Mx16) CMOS MASK ROM
logo
List of Unclassifed Man...
N55S064 ETC2-N55S064 Datasheet
196Kb / 17P
   64M-BIT Low Voltage, Serial MASK ROM
logo
Macronix International
MX23L6410 MCNIX-MX23L6410 Datasheet
621Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com