Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NRF-PPK2 Datasheet (PDF) - Nordic Semiconductor

NRF-PPK2 Datasheet PDF - Nordic Semiconductor
Part # NRF-PPK2
Download  NRF-PPK2 Download

File Size   1440.11 Kbytes
Page   2 Pages
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor
Description Current measurement tool for embedded development

NRF-PPK2 Datasheet (PDF)

Go To PDF Page Download Datasheet
NRF-PPK2 Datasheet PDF - Nordic Semiconductor

Part # NRF-PPK2
Download  NRF-PPK2 Click to download

File Size   1440.11 Kbytes
Page   2 Pages
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor
Description Current measurement tool for embedded development

NRF-PPK2 Datasheet (HTML) - Nordic Semiconductor


NRF-PPK2 Product details

features
200nA to 1A current measurement range
with a resolution that varies between
100nA and 1mA
Source mode and ampere meter mode
Source mode includes built-in
programmable regulator with a 0.8V to 5V
output range and up to 1A current supply
100 ksps sampling rate (10 x greater than
previous generation)
Standalone unit
8 digital inputs for low-end logic analyzer
support
Measure instantaneous and average
current on all Nordic DKs, in addition to
custom boards
Supported through nRF Connect for
Desktop’s Power Profiler app
Export measurement data for postprocessing

Applications
Power debugging of embedded
applications
Estimate battery lifetime of completed
solution




Similar Part No. - NRF-PPK2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRF0433 ETC-NRF0433 Datasheet
176Kb / 14P
Single chip 433MHz RF Transceiver
NRF0433-IC ETC-NRF0433-IC Datasheet
176Kb / 14P
Single chip 433MHz RF Transceiver
NRF24 ETC-NRF24 Datasheet
850Kb / 37P
Single chip 2.4 GHz Transceiver
NRF2401 ETC-NRF2401 Datasheet
850Kb / 37P
Single chip 2.4 GHz Transceiver
NRF2401-EVKIT ETC-NRF2401-EVKIT Datasheet
850Kb / 37P
Single chip 2.4 GHz Transceiver
More results


Similar Description - NRF-PPK2

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN929 MICROCHIP-AN929 Datasheet
438Kb / 22P
Temperature Measurement Circuits for Embedded Applications
2004
logo
Cypress Semiconductor
CY3125 CYPRESS-CY3125 Datasheet
86Kb / 8P
Warp CPLD Development Tool for UNIX
logo
Cirrus Logic
EDB9307A CIRRUS-EDB9307A Datasheet
721Kb / 1P
Embedded Processor Development System
EDB9315A CIRRUS-EDB9315A Datasheet
729Kb / 1P
Embedded Processor Development System
logo
NXP Semiconductors
56800SDK NXP-56800SDK Datasheet
233Kb / 4P
Smart Development Tools Embedded SDK for 56800
Rev 3.0
DS91516A NXP-DS91516A Datasheet
2Mb / 6P
Embedded Systems Development Tools
logo
Texas Instruments
SLAU292C TI1-SLAU292C Datasheet
6Mb / 102P
eZ430-Chronos??Development Tool
logo
Freescale Semiconductor...
SDK135 FREESCALE-SDK135 Datasheet
592Kb / 52P
Embedded SDK (Software Development Kit)
logo
NXP Semiconductors
DSP56800ESDK NXP-DSP56800ESDK Datasheet
318Kb / 4P
Smart Development Tools Embedded SDK for DSP56800E,Rev 2.0E
Rev. 6.0, 5/2003
logo
Xilinx, Inc
DS693 XILINX-DS693 Datasheet
438Kb / 13P
Integrated into Xilinx Embedded Development Kit
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com