Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-EG10-T1000 Datasheet (PDF) - Broadcom Corporation.

HLMP-EG10-T1000 Datasheet PDF - Broadcom Corporation.
Part # HLMP-EG10-T1000
Download  HLMP-EG10-T1000 Download

File Size   736.56 Kbytes
Page   18 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps

HLMP-EG10-T1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-EG10-T1000 Datasheet PDF - Broadcom Corporation.

Part # HLMP-EG10-T1000
Download  HLMP-EG10-T1000 Click to download

File Size   736.56 Kbytes
Page   18 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps

HLMP-EG10-T1000 Datasheet (HTML) - Broadcom Corporation.

Back Button HLMP-EG10-T1000 Datasheet HTML 1Page - Broadcom Corporation. HLMP-EG10-T1000 Datasheet HTML 2Page - Broadcom Corporation. HLMP-EG10-T1000 Datasheet HTML 3Page - Broadcom Corporation. HLMP-EG10-T1000 Datasheet HTML 4Page - Broadcom Corporation. HLMP-EG10-T1000 Datasheet HTML 5Page - Broadcom Corporation. HLMP-EG10-T1000 Datasheet HTML 6Page - Broadcom Corporation. HLMP-EG10-T1000 Datasheet HTML 7Page - Broadcom Corporation. HLMP-EG10-T1000 Datasheet HTML 8Page - Broadcom Corporation. HLMP-EG10-T1000 Datasheet HTML 9Page - Broadcom Corporation. HLMP-EG10-T1000 Datasheet HTML 10Page - Broadcom Corporation. Next Button 

HLMP-EG10-T1000 Product details

Features
Well-defined spatial radiation patterns
Viewing angles: 8°, 15°, 23°, 30°
High luminous output
Colors:
– 590 nm amber
– 605 nm orange
– 615 nm reddish-orange
– 626 nm red
High operating temperature: TJLED = +130°C
Superior resistance to moisture
Package options:
– With or without lead stand-offs

Applications
Traffic management:
– Traffic signals
– Pedestrian signals
– Work zone warning lights
– Variable message signs
Commercial outdoor advertising:
– Signs
– Marquees
Automotive:
– Exterior and interior lights




Similar Part No. - HLMP-EG10-T1000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-EG10-TW000 HP-HLMP-EG10-TW000 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results


Similar Description - HLMP-EG10-T1000

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com