Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD83A04EFV-M Datasheet (PDF) - Rohm

BD83A04EFV-M Datasheet PDF - Rohm
Part # BD83A04EFV-M
Download  BD83A04EFV-M Download

File Size   1498.76 Kbytes
Page   49 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 4 ch Current Driver Integrated, Built-in MOS for Boost, Boost DC/DC Converter White LED Driver for Automotive

BD83A04EFV-M Datasheet (PDF)

Go To PDF Page Download Datasheet
BD83A04EFV-M Datasheet PDF - Rohm

Part # BD83A04EFV-M
Download  BD83A04EFV-M Click to download

File Size   1498.76 Kbytes
Page   49 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 4 ch Current Driver Integrated, Built-in MOS for Boost, Boost DC/DC Converter White LED Driver for Automotive

BD83A04EFV-M Datasheet (HTML) - Rohm

Back Button BD83A04EFV-M Datasheet HTML 1Page - Rohm BD83A04EFV-M Datasheet HTML 2Page - Rohm BD83A04EFV-M Datasheet HTML 3Page - Rohm BD83A04EFV-M Datasheet HTML 4Page - Rohm BD83A04EFV-M Datasheet HTML 5Page - Rohm BD83A04EFV-M Datasheet HTML 6Page - Rohm BD83A04EFV-M Datasheet HTML 7Page - Rohm BD83A04EFV-M Datasheet HTML 8Page - Rohm BD83A04EFV-M Datasheet HTML 9Page - Rohm BD83A04EFV-M Datasheet HTML 10Page - Rohm Next Button 

BD83A04EFV-M Product details

General Description
This IC is a white LED driver for LCD backlight.
It has MOS for boost and 4 ch current drivers for LED drive,
making it ideal for high brightness LED drive. LED pin
maximum voltage is 50 V, making it suitable for driving
medium LCD panels.
The dimming is controlled by the PWM signal and can be
set up to 20,000: 1@100 Hz. It also supports analog
dimming and can accommodate even higher brightness
ranges by combining with PWM dimming. DC/DC
converters can be controlled for boost applications, and the
input operating voltage range is 4.5 V to 48 V.

Features
◼ AEC-Q100 Qualified(Note 1)
◼ Functional Safety Supportive Automotive Products
◼ Built-in 4 ch Current Driver for LED Drive
◼ Built-in MOS for Boost
◼ Current Mode Boost DC/DC Converter
◼ Load Switch (M1) Control Pin
◼ PWM Dimming
(20,000: 1@100 Hz, 100 Hz to 25 kHz)
◼ Spread Spectrum Function
◼ DC/DC Converter Oscillation Frequency External
Synchronization Function
◼ LSI Protect Functions (UVLO, OVP, TSD, OCP)
◼ LED Anode/Cathode Short Circuit Protection Function
◼ LED Open/Short Protection Function
(Note 1) Grade 1

Applications
◼ Automotive CID (Center Information Display) Panel
◼ Navigation
◼ Cluster Panel
◼ HUD (Head Up Display)
◼ Other Small and Medium Sized LCD Panel for
Automotive




Similar Part No. - BD83A04EFV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD83A04EFV-M ROHM-BD83A04EFV-M Datasheet
1Mb / 49P
   4 ch Current Driver Integrated, Built-in MOS for Boost, Boost DC/DC Converter White LED Driver for Automotive
18.Aug.2022 Rev.006
BD83A04EFV-M ROHM-BD83A04EFV-M_V01 Datasheet
1Mb / 49P
   4 ch Current Driver Integrated, Built-in MOS for Boost, Boost DC/DC Converter White LED Driver for Automotive
18.Aug.2022 Rev.006
More results


Similar Description - BD83A04EFV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD83A04EFV-M ROHM-BD83A04EFV-M_V01 Datasheet
1Mb / 49P
   4 ch Current Driver Integrated, Built-in MOS for Boost, Boost DC/DC Converter White LED Driver for Automotive
18.Aug.2022 Rev.006
BD82A26MUF-M ROHM-BD82A26MUF-M Datasheet
1Mb / 48P
   6ch White LED Driver Built-in Current Driver Boost DC/DC Converter for Automotive
15.Mar.2022 Rev.003
BD83A14EFV-M ROHM-BD83A14EFV-M_V01 Datasheet
2Mb / 50P
   4 ch Current Driver Integrated, Built-in MOS for Boost DC/DC Controller
30.Nov.2022 Rev.002
BD81A74EFV-M ROHM-BD81A74EFV-M Datasheet
3Mb / 44P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
8.Oct.2021 Rev.007
BD81A76EFV-M ROHM-BD81A76EFV-M Datasheet
2Mb / 43P
   6ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
25.Nov.2021 Rev.004
BD81A44EFV-M ROHM-BD81A44EFV-M Datasheet
3Mb / 47P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
12.Feb.2021 Rev.008
BD81A24EFV-M ROHM-BD81A24EFV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD82A16MUF-M ROHM-BD82A16MUF-M Datasheet
1Mb / 47P
   6ch White LED Driver Built-in Current Driver BuckBoost DC/DC Converter for Automotive
05.Jul.2022 Rev.001
logo
Major-Power Technology ...
MA2001 MPOWER-MA2001 Datasheet
231Kb / 7P
   1.4A Boost for White LED Driver
MA2001B MPOWER-MA2001B Datasheet
237Kb / 7P
   1.4A Boost for White LED Driver
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com