Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BD14210G-LATR Datasheet (PDF) - Rohm

BD14210G-LATR Datasheet PDF - Rohm
Part # BD14210G-LATR
Download  BD14210G-LATR Download

File Size   983.12 Kbytes
Page   19 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Current Sense Amplifier

BD14210G-LATR Datasheet (PDF)

Go To PDF Page Download Datasheet
BD14210G-LATR Datasheet PDF - Rohm

Part # BD14210G-LATR
Download  BD14210G-LATR Click to download

File Size   983.12 Kbytes
Page   19 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Current Sense Amplifier

BD14210G-LATR Datasheet (HTML) - Rohm

Back Button BD14210G-LATR Datasheet HTML 1Page - Rohm BD14210G-LATR Datasheet HTML 2Page - Rohm BD14210G-LATR Datasheet HTML 3Page - Rohm BD14210G-LATR Datasheet HTML 4Page - Rohm BD14210G-LATR Datasheet HTML 5Page - Rohm BD14210G-LATR Datasheet HTML 6Page - Rohm BD14210G-LATR Datasheet HTML 7Page - Rohm BD14210G-LATR Datasheet HTML 8Page - Rohm BD14210G-LATR Datasheet HTML 9Page - Rohm BD14210G-LATR Datasheet HTML 10Page - Rohm Next Button 

BD14210G-LATR Product details

General Description
The BD14210G-LA current sense amplifier.
This is the product guarantees long time support in
Industrial market.
This device operates from a single 2.7 V to 5.5 V power
supply.
It has wide common mode voltage range from -0.2 V to
+26 V, outputs analog voltage. The gain is 20 V/V.
The matched gain resistor minimizes gain error and
realizes low offset voltage.
The input bias current is 1 μA (Typ) at typical condition.
There is no need to adjust the gain error.

Features
◼ Long Time Support Product for Industrial Applications.
◼ Wide Common Mode Voltage Range
◼ High Accuracy
◼ Low Offset Voltage
◼ Low Input Bias Current

Applications
◼ Industrial Equipment
◼ Telecom Equipment
◼ Over Current Detection



Similar Part No. - BD14210G-LATR

ManufacturerPart #DatasheetDescription
Rohm
Rohm
BD14210G-LA ROHM-BD14210G-LA Datasheet
668Kb / 4P
   Current Sense Amplifier
Rev.001 Oct.2022
More results

Similar Description - BD14210G-LATR

ManufacturerPart #DatasheetDescription
Linear Technology
Linear Technology
LT6119-1 LINER-LT6119-1 Datasheet
337Kb / 28P
   Current Sense Amplifier
Texas Instruments
Texas Instruments
INA240-Q1 TI1-INA240-Q1 Datasheet
547Kb / 10P
[Old version datasheet]   Current-Sense Amplifier
Semtech Corporation
Semtech Corporation
TS94033 SEMTECH-TS94033 Datasheet
1Mb / 10P
   Current Sense Amplifier
Silicon Supplies
Silicon Supplies
SISA4080 SS-SISA4080 Datasheet
494Kb / 5P
   Current Sense Amplifier
Silicon Laboratories
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
STMicroelectronics
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
   High-side current sense amplifier
Rohm
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
   High-Side Current-Sense Amplifier
Silicon Laboratories
Silicon Laboratories
SI8540 SILABS-SI8540 Datasheet
1Mb / 18P
   HIGH-SIDE CURRENT SENSE AMPLIFIER
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
STMicroelectronics
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101 Datasheet
146Kb / 18P
   High side current sense amplifier
List of Unclassifed Manufacturers
List of Unclassifed Man...
SI8540 ETC2-SI8540 Datasheet
173Kb / 18P
   HIGH-SIDE CURRENT SENSE AMPLIFIER
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com