Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN12511 Datasheet (PDF) - Panasonic Semiconductor

MN12511 Datasheet PDF - Panasonic Semiconductor
Part # MN12511
Download  MN12511 Download

File Size   63.08 Kbytes
Page   9 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Fluorescent Display Tube Driver LSI

MN12511 Datasheet (PDF)

Go To PDF Page Download Datasheet
MN12511 Datasheet PDF - Panasonic Semiconductor

Part # MN12511
Download  MN12511 Click to download

File Size   63.08 Kbytes
Page   9 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Fluorescent Display Tube Driver LSI

MN12511 Datasheet (HTML) - Panasonic Semiconductor

MN12511 Datasheet HTML 1Page - Panasonic Semiconductor MN12511 Datasheet HTML 2Page - Panasonic Semiconductor MN12511 Datasheet HTML 3Page - Panasonic Semiconductor MN12511 Datasheet HTML 4Page - Panasonic Semiconductor MN12511 Datasheet HTML 5Page - Panasonic Semiconductor MN12511 Datasheet HTML 6Page - Panasonic Semiconductor MN12511 Datasheet HTML 7Page - Panasonic Semiconductor MN12511 Datasheet HTML 8Page - Panasonic Semiconductor MN12511 Datasheet HTML 9Page - Panasonic Semiconductor

MN12511 Product details

■ Overview
The MN12511 is a fluorescent display tube driver LSI. It accepts data for display transferred over a serial interface, generates the digit and/or segment drive signals, and outputs those signals from 16 high-voltage ports.
This LSI allows the number of digits displayed to be increased easily by the cascade connection of additional MN12511 LSIs. Also, the MN12511 does not preassign the outputs to digits or segments, so it can be used with a wide range of display types.

■ Features
• Sixteen high-voltage handling output ports
   Number of digit outputs (DGT): 1 to 15 outputs can be arbitrarily assigned
   Number of segment outputs (SEG): 1 to 15 outputs can be arbitrarily assigned
• FLP display
• The display mode can be set to any combination of from 1 DGT × 15 SEG to 15 DGT × 1 SEG
• The display on/off state can be controlled from the OE pin.
• Four-wire serial interface (Includes a chip select signal)
• Built-in shift register
• The MN12511 can be connected in cascade.
• Supply voltage
   Digital block (VDD): + 4.5 to 5.5 V
   High-voltage (Vpp): VDD − 35 V

■ Applications
• Video, audio, and other equipment that uses fluorescent display tubes




Similar Part No. - MN12511

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN1257C PANASONIC-MN1257C Datasheet
592Kb / 8P
   CRT Control LSI for 60-Character Display
More results


Similar Description - MN12511

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1240 SANYO-LB1240 Datasheet
51Kb / 2P
   Fluorescent Display Tube Driver
LB1241 SANYO-LB1241 Datasheet
53Kb / 2P
   Fluorescent Display Tube Driver?
logo
OKI electronic componet...
MSM9201-01 OKI-MSM9201-01 Datasheet
356Kb / 35P
   Fluorescent Display Tube Controller Driver
logo
Princeton Technology Co...
PT6321 PTC-PT6321 Datasheet
764Kb / 6P
   Fluorescent Display Tube Controller Driver
PT6321 PTC-PT6321_10 Datasheet
764Kb / 6P
   Fluorescent Display Tube Controller Driver
logo
ON Semiconductor
CS1089 ONSEMI-CS1089 Datasheet
97Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
CS1087 ONSEMI-CS1087 Datasheet
115Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 11
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
Renesas Technology Corp
PD16326A RENESAS-PD16326A_15 Datasheet
183Kb / 14P
   32-BIT FLUORESCENT DISPLAY TUBE DRIVER
logo
LAPIS Semiconductor Co....
ML9289 LAPIS-ML9289 Datasheet
298Kb / 31P
   Vacuum fluorescent display tube controller driver
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com