Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7443091120 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

7443091120 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part No. 7443091120
Download  7443091120 Click to view

File Size   441.97 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-HCM SMT High Current Flat Wire Inductor

7443091120 Datasheet (PDF)

Go To PDF Page Download Datasheet
7443091120 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part No. 7443091120
Download  7443091120 Click to view

File Size   441.97 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-HCM SMT High Current Flat Wire Inductor

7443091120 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.

7443091120 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443091120 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443091120 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443091120 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443091120 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443091120 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.

7443091120 Product details

General Information:
It is recommended that the temperature of the component does not exceed +125 °C under worst
case conditions
Ambient Temperature (referring
to IR) -40 up to +85 °C
Operating Temperature -40 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently



Similar Part No. - 7443091120

ManufacturerPart No.DatasheetDescription
Wurth Elektronik GmbH & Co. KG, Germany.
Wurth Elektronik GmbH &...
7443091062 WURTH-7443091062 Datasheet
442Kb / 6P
   WE-HCM SMT High Current Flat Wire Inductor
001.002
7443091080 WURTH-7443091080 Datasheet
442Kb / 6P
   WE-HCM SMT High Current Flat Wire Inductor
001.002
More results

Similar Description - 7443091120

ManufacturerPart No.DatasheetDescription
Wurth Elektronik GmbH & Co. KG, Germany.
Wurth Elektronik GmbH &...
7443082010 WURTH-7443082010 Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
7443082018 WURTH-7443082018 Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
744301047 WURTH-744301047_15 Datasheet
1Mb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
744302010 WURTH-744302010_15 Datasheet
1Mb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
744309012 WURTH-744309012 Datasheet
1Mb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
744305040 WURTH-744305040_15 Datasheet
1Mb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
744308033 WURTH-744308033_15 Datasheet
1Mb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
7443082015 WURTH-7443082015 Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
7443082017 WURTH-7443082017 Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
744305022 WURTH-744305022_15 Datasheet
1Mb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
7443082018A WURTH-7443082018A Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
More results

Datasheet Page

1  2  3  4  5  6 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz