Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A20 Datasheet (PDF) - Vishay Siliconix

A20 Datasheet PDF - Vishay Siliconix
Part # A20_V01
Download  A20 Download
File Size   459.3 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Rack and Panel Connectors Side Mount

A20 Datasheet (PDF)

Go To PDF Page Download Datasheet
A20 Datasheet PDF - Vishay Siliconix

Part # A20_V01
Download  A20 Click to download

File Size   459.3 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Rack and Panel Connectors Side Mount

A20 Datasheet (HTML) - Vishay Siliconix


A20 Product details

FEATURES
• Body components available with any desired pin and
socket combination
• Floating contacts
• Polarization accomplished by reversed pin and socket
combination
• Model A20 has barriers for increased creepage distance
• Thru hole permits use of building block technique or flat
mounting

MATERIAL SPECIFICATIONS
Standard Body: Glass-filled diallyl phthalate per ASTM
D 5948-96 green, flame retardant
Pin Contacts: Brass
Socket Contacts: Phosphor bronze
Contact Plating: Gold, 10 micro-inches

PHYSICAL SPECIFICATIONS
Minimum Creepage Path between Contacts:
A20 = 0.08" [2.03 mm]; WA20 = 0.05" [1.27 mm]
Minimum Air Space between Contacts:
A20 = 0.08" [2.03 mm]; WA20 = 0.05" [1.27 mm]
Contact, Center to Center: A20 = 0.150" [3.18 mm];
WA20 = 0.125" [3.17 mm]

APPLICATIONS
Broad-limited only by those applications requiring physical,
electrical and/or materials specifications exceeding those
indicated.

ELECTRICAL SPECIFICATIONS
Current Rating: 7.5 A
Breakdown Voltage (Contact to Contact):
At sea level: 2000 VRMS
At 70 000 feet [21 336 meters]: 500 VRMS




Similar Part No. - A20_V01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A20-108-260-010 ETC2-A20-108-260-010 Datasheet
291Kb / 2P
RJ45 MODULAR JACK WITH LED
A20-108-261-310 ETC2-A20-108-261-310 Datasheet
291Kb / 2P
RJ45 MODULAR JACK WITH LED
A20-108-262-310 ETC2-A20-108-262-310 Datasheet
291Kb / 2P
RJ45 MODULAR JACK WITH LED
A20-108-263-310 ETC2-A20-108-263-310 Datasheet
291Kb / 2P
RJ45 MODULAR JACK WITH LED
A20-108-265-510 ETC2-A20-108-265-510 Datasheet
291Kb / 2P
RJ45 MODULAR JACK WITH LED
More results


Similar Description - A20_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
G16P-AB VISHAY-G16P-AB Datasheet
375Kb / 2P
Rack and Panel Connectors Side Mount
Revision: 08-Feb-07
G16 VISHAY-G16 Datasheet
131Kb / 2P
Rack and Panel Connectors Side Mount
01-Jan-2022
G20P-A VISHAY-G20P-A Datasheet
325Kb / 2P
Rack and Panel Connectors Side Mount
Revision: 14-Feb-07
G20 VISHAY-G20 Datasheet
330Kb / 2P
Rack and Panel Connectors Side Mount
01-Jan-2022
logo
ITT Industries
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
Rack and Panel Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
Rack and Panel Connectors
Revision 22-Aug-00
logo
Amphenol Sine Systems C...
PRM ASS-PRM Datasheet
2Mb / 6P
Panel Rack Mount Power Connectors
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
Cannon Rack and Panel Connectors
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com