Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DE475-501N44A Datasheet (PDF) - IXYS Corporation

DE475-501N44A Datasheet PDF - IXYS Corporation
Part No. DE475-501N44A
Download  DE475-501N44A Click to view

File Size   173.14 Kbytes
Page   4 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description RF Power MOSFET

DE475-501N44A Datasheet (PDF)

Go To PDF Page Download Datasheet
DE475-501N44A Datasheet PDF - IXYS Corporation

Part No. DE475-501N44A
Download  DE475-501N44A Click to view

File Size   173.14 Kbytes
Page   4 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description RF Power MOSFET

DE475-501N44A Datasheet (HTML) - IXYS Corporation

DE475-501N44A Datasheet HTML 1Page - IXYS Corporation DE475-501N44A Datasheet HTML 2Page - IXYS Corporation DE475-501N44A Datasheet HTML 3Page - IXYS Corporation DE475-501N44A Datasheet HTML 4Page - IXYS Corporation

DE475-501N44A Product details

RF Power MOSFET

♦ N-Channel Enhancement Mode
♦ Low Qg and Rg
♦ High dv/dt
♦ Nanosecond Switching
♦ 30MHz Maximum Frequency

Features
• Isolated Substrate
    − high isolation voltage (>2500V)
    − excellent thermal transfer
    − Increased temperature and power cycling capability
• IXYS advanced low Qg process
• Low gate charge and capacitances
    − easier to drive
    − faster switching
• Low RDS(on)
• Very low insertion inductance (<2nH)
• No beryllium oxide (BeO) or other hazardous materials



Similar Part No. - DE475-501N44A

ManufacturerPart No.DatasheetDescription
IXYS Corporation
IXYS Corporation
DE475-501N44A IXYS-DE475-501N44A_09 Datasheet
146Kb / 5P
   RF Power MOSFET
More results

Similar Description - DE475-501N44A

ManufacturerPart No.DatasheetDescription
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
IXYS Corporation
IXYS Corporation
DE275-501N16A IXYS-DE275-501N16A Datasheet
162Kb / 5P
   RF Power MOSFET
IXZ210N50L IXYS-IXZ210N50L_07 Datasheet
326Kb / 9P
   RF Power MOSFET
IXZ12210N50L IXYS-IXZ12210N50L Datasheet
304Kb / 4P
   RF Power MOSFET
Advanced Semiconductor
Advanced Semiconductor
BLF245 ASI-BLF245 Datasheet
21Kb / 1P
   RF POWER MOSFET
MRF185 ASI-MRF185 Datasheet
37Kb / 1P
   RF POWER MOSFET
IXYS Corporation
IXYS Corporation
DE275X2-501N16A IXYS-DE275X2-501N16A Datasheet
175Kb / 4P
   RF Power MOSFET
IXZH10N50LA IXYS-IXZH10N50LA Datasheet
266Kb / 9P
   RF Power MOSFET
DE150-102N02A IXYS-DE150-102N02A Datasheet
168Kb / 4P
   RF Power MOSFET
DE375-501N21A IXYS-DE375-501N21A_09 Datasheet
152Kb / 5P
   RF Power MOSFET
DE375-102N10A IXYS-DE375-102N10A Datasheet
157Kb / 3P
   RF Power MOSFET
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com