Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3KP26 Datasheet (PDF) - SAMYANG ELECTRONICS CO.,LTD.

3KP26 Datasheet PDF - SAMYANG ELECTRONICS CO.,LTD.
Part # 3KP26
Download  3KP26 Download

File Size   2638.32 Kbytes
Page   4 Pages
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.
Description Transient Voltage Suppressor Diodes

3KP26 Datasheet (PDF)

Go To PDF Page Download Datasheet
3KP26 Datasheet PDF - SAMYANG ELECTRONICS CO.,LTD.

Part # 3KP26
Download  3KP26 Click to download

File Size   2638.32 Kbytes
Page   4 Pages
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.
Description Transient Voltage Suppressor Diodes

3KP26 Datasheet (HTML) - SAMYANG ELECTRONICS CO.,LTD.

3KP26 Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. 3KP26 Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD. 3KP26 Datasheet HTML 3Page - SAMYANG ELECTRONICS CO.,LTD. 3KP26 Datasheet HTML 4Page - SAMYANG ELECTRONICS CO.,LTD.

3KP26 Product details

Features
Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
Glass passivated chip junction in P-600/R-6 package
3000W Peak Pulse Power capability at on 10/1000uS waveform
Excellent clamping capability
Low zener impedance
Repetition rate(Duty Cycle):.05%
Fast response time: typically less than 1.0 ps from 0 volts to BV
min
Typical IR less than 1uA above 10V
High temperature soldering guaranteed: 260oC/10 seconds/
.375",(9.5mm) lead length/5lbs., (2.3kg) tension




Similar Part No. - 3KP26

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP26 PANJIT-3KP26 Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Socay Electornics Co., ...
3KP26 SOCAY-3KP26 Datasheet
485Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Surge Components
3KP26 SURGE-3KP26 Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Socay Electornics Co., ...
3KP26 SOCAY-3KP26 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Won-Top Electronics
3KP26 WTE-3KP26 Datasheet
68Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSORS
More results


Similar Description - 3KP26

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com