Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR100-8F-B Datasheet (PDF) - First Silicon Co., Ltd

MCR100-8F-B Datasheet PDF - First Silicon Co., Ltd
Part # MCR100-8F-B
Download  MCR100-8F-B Download
File Size   209.61 Kbytes
Page   2 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Silicon Planar PNPN Thyristor

MCR100-8F-B Datasheet (PDF)

Go To PDF Page Download Datasheet
MCR100-8F-B Datasheet PDF - First Silicon Co., Ltd

Part # MCR100-8F-B
Download  MCR100-8F-B Click to download

File Size   209.61 Kbytes
Page   2 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Silicon Planar PNPN Thyristor

MCR100-8F-B Datasheet (HTML) - First Silicon Co., Ltd


MCR100-8F-B Product details

DESCRIPTION
Logic level sensitive gate triac intended
to be interfaced directly to microcontrollers,
logic integrated circuits
and other low power gate trigger circuits.

FEATURES
Blocking voltage to 400 V (MCR100-6/F) , 600V (MCR100-8/F)
RMS on-state current to 0.8 A
General purpose switching

APPLICATIONS
General purpose switching
Phase control applications
Solid state relays.




Similar Part No. - MCR100-8F-B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR100-8 MOTOROLA-MCR100-8 Datasheet
81Kb / 4P
Silicon Controlled Rectifiers(Reverse Blocking Triode Thyristors)
logo
Unisonic Technologies
MCR100-8 UTC-MCR100-8 Datasheet
15Kb / 2P
PLASTIC SILICON CONTROLLED RECTIFIERS(PNPN devices designed for high volume)
logo
Semtech Corporation
MCR100-8 SEMTECH-MCR100-8 Datasheet
233Kb / 3P
SCR
logo
TRANSYS Electronics Lim...
MCR100-8 TEL-MCR100-8 Datasheet
177Kb / 1P
Silicon Controlled Rectifier
logo
SemiWell Semiconductor
MCR100-8 SEMIWELL-MCR100-8 Datasheet
649Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
More results


Similar Description - MCR100-8F-B

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
PCR06A JIANGSU-PCR06A Datasheet
231Kb / 3P
Silicon Planar pnpn Thyristor
PCR0.6 JIANGSU-PCR0.6 Datasheet
525Kb / 3P
Silicon Planar PNPN Thyristor
logo
First Silicon Co., Ltd
C106B FS-C106B Datasheet
516Kb / 2P
Silicon Planar PNPN Thyristor (4A SCR)
C106DB FS-C106DB Datasheet
511Kb / 2P
Silicon Planar PNPN Thyristor (4A SCR)
MCR100-6 FS-MCR100-6 Datasheet
245Kb / 2P
Silicon Planar PNPN Thyristor
MCR100-8S FS-MCR100-8S Datasheet
424Kb / 3P
Silicon Planar PNPN Thyristor
CP10C60 FS-CP10C60 Datasheet
316Kb / 2P
Silicon Planar PNPN Thyristor (12A SCR)
TYNA616 FS-TYNA616 Datasheet
142Kb / 3P
Silicon Planar PNPN Thyristor (16A SCR)
MCR100-6-F FS-MCR100-6-F Datasheet
210Kb / 2P
Silicon Planar PNPN Thyristor
2011. 12. 06 Revision No : 0
MCRP8PA-6V FS-MCRP8PA-6V Datasheet
276Kb / 4P
Silicon Planar PNPN Thyristor (0.8A SCR)
2022. 04. 06 Revision No : 0
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com