Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR100-6-F Datasheet (PDF) - First Silicon Co., Ltd

MCR100-6-F Datasheet PDF - First Silicon Co., Ltd
Part # MCR100-6-F
Download  MCR100-6-F Download
File Size   210.83 Kbytes
Page   2 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Silicon Planar PNPN Thyristor

MCR100-6-F Datasheet (PDF)

Go To PDF Page Download Datasheet
MCR100-6-F Datasheet PDF - First Silicon Co., Ltd

Part # MCR100-6-F
Download  MCR100-6-F Click to download

File Size   210.83 Kbytes
Page   2 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Silicon Planar PNPN Thyristor

MCR100-6-F Datasheet (HTML) - First Silicon Co., Ltd


MCR100-6-F Product details

DESCRIPTION
Logic level sensitive gate triac intended
to be interfaced directly to microcontrollers,
logic integrated circuits
and other low power gate trigger circuits.

FEATURES
Blocking voltage to 400 V (MCR100-6/F) , 600V (MCR100-8/F)
RMS on-state current to 0.8 A
General purpose switching

APPLICATIONS
General purpose switching
Phase control applications
Solid state relays.




Similar Part No. - MCR100-6-F

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MCR100-6-A1 TSC-MCR100-6-A1 Datasheet
210Kb / 3P
Thyristors
MCR100-6-A1G TSC-MCR100-6-A1G Datasheet
210Kb / 3P
Thyristors
logo
Shanghai Leiditech Elec...
MCR100-6-TA LEIDITECH-MCR100-6-TA Datasheet
410Kb / 4P
Blocking voltage to 400 V (MCR100-6)
logo
Unisonic Technologies
MCR100-6-X-AB3-R UTC-MCR100-6-X-AB3-R Datasheet
171Kb / 6P
SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR100-6-X-AE3-R UTC-MCR100-6-X-AE3-R Datasheet
171Kb / 6P
SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
More results


Similar Description - MCR100-6-F

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
PCR06A JIANGSU-PCR06A Datasheet
231Kb / 3P
Silicon Planar pnpn Thyristor
PCR0.6 JIANGSU-PCR0.6 Datasheet
525Kb / 3P
Silicon Planar PNPN Thyristor
logo
First Silicon Co., Ltd
C106B FS-C106B Datasheet
516Kb / 2P
Silicon Planar PNPN Thyristor (4A SCR)
C106DB FS-C106DB Datasheet
511Kb / 2P
Silicon Planar PNPN Thyristor (4A SCR)
MCR100-6 FS-MCR100-6 Datasheet
245Kb / 2P
Silicon Planar PNPN Thyristor
MCR100-8S FS-MCR100-8S Datasheet
424Kb / 3P
Silicon Planar PNPN Thyristor
CP10C60 FS-CP10C60 Datasheet
316Kb / 2P
Silicon Planar PNPN Thyristor (12A SCR)
TYNA616 FS-TYNA616 Datasheet
142Kb / 3P
Silicon Planar PNPN Thyristor (16A SCR)
MCR100-8F-B FS-MCR100-8F-B Datasheet
209Kb / 2P
Silicon Planar PNPN Thyristor
2022. 04. 15 Revision No : 0
MCRP8PA-6V FS-MCRP8PA-6V Datasheet
276Kb / 4P
Silicon Planar PNPN Thyristor (0.8A SCR)
2022. 04. 06 Revision No : 0
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com