Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0643212018 Datasheet (PDF) - Molex Electronics Ltd.

0643212018 Datasheet PDF - Molex Electronics Ltd.
Part # 0643212018
Download  0643212018 Download

File Size   922.99 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description CMC FEMALE MODULE 53W GENERIC SALES DRAWING

0643212018 Datasheet (PDF)

Go To PDF Page Download Datasheet
0643212018 Datasheet PDF - Molex Electronics Ltd.

Part # 0643212018
Download  0643212018 Click to download

File Size   922.99 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description CMC FEMALE MODULE 53W GENERIC SALES DRAWING

0643212018 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 0643212018

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0643212018 MOLEX7-0643212018 Datasheet
968Kb / 3P
   .635mm (.025"), 1.50mm (.059"), 2.80mm (.110"), CMC Recpetacle, 53 Circuits, RightWire Output, Gray Coding, Mat Sealed
More results


Similar Description - 0643212018

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
98644-3001 MOLEX-98644-3001 Datasheet
430Kb / 3P
   INTERFACES FOR CONNECTOR 32 48 CKT CMC GENERIC SALES DRAWING
SD-64321-002 MOLEX-SD-64321-002 Datasheet
253Kb / 2P
   WIRE CAP CMC 53W
08.04.23
SD-64325-002 MOLEX-SD-64325-002 Datasheet
150Kb / 1P
   CMC PLUG WAY CP 1.5 SALES DRAWING
Rev. B1
0643251023 MOLEX2-0643251023 Datasheet
47Kb / 1P
   CMC PLUG WAY CP 1.5 SALES DRAWING
SD-64325-001 MOLEX-SD-64325-001 Datasheet
149Kb / 1P
   CMC PLUG WAY CP 0.6 SALES DRAWING
Rev. B1
logo
API Technologies Corp
PA18-1580-010SA APITECH-PA18-1580-010SA Datasheet
683Kb / 1P
   SALES DRAWING
PA13-1580-005SA APITECH-PA13-1580-005SA Datasheet
72Kb / 1P
   SALES DRAWING
logo
List of Unclassifed Man...
PT-2020P ETC-PT-2020P Datasheet
91Kb / 1P
   Sales Outline Drawing
logo
Mallory performance clu...
SC110D MALLORY-SC110D Datasheet
77Kb / 1P
   Sales Outline Drawing
SC648D MALLORY-SC648D Datasheet
54Kb / 1P
   Sales Outline Drawing
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com