Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22811X Datasheet (PDF) - Texas Instruments

TPS22811X Datasheet PDF - Texas Instruments
Part # TPS22811X
Download  TPS22811X Download

File Size   3401.43 Kbytes
Page   43 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS22811x 2.7 V – 16 V, 10-A, 6-mΩ Load Switch with Adjustable Overvoltage Protection and Current Monitoring

TPS22811X Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22811X Datasheet PDF - Texas Instruments

Part # TPS22811X
Download  TPS22811X Click to download

File Size   3401.43 Kbytes
Page   43 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS22811x 2.7 V – 16 V, 10-A, 6-mΩ Load Switch with Adjustable Overvoltage Protection and Current Monitoring

TPS22811X Datasheet (HTML) - Texas Instruments

Back Button TPS22811X Datasheet HTML 1Page - Texas Instruments TPS22811X Datasheet HTML 2Page - Texas Instruments TPS22811X Datasheet HTML 3Page - Texas Instruments TPS22811X Datasheet HTML 4Page - Texas Instruments TPS22811X Datasheet HTML 5Page - Texas Instruments TPS22811X Datasheet HTML 6Page - Texas Instruments TPS22811X Datasheet HTML 7Page - Texas Instruments TPS22811X Datasheet HTML 8Page - Texas Instruments TPS22811X Datasheet HTML 9Page - Texas Instruments TPS22811X Datasheet HTML 10Page - Texas Instruments Next Button 

TPS22811X Product details

1 Features
• Wide operating input voltage range: 2.7 V to 16 V
– 20-V absolute maximum
• Integrated FET with low on-resistance: RON = 6
mΩ (typ.)
• Adjustable output slew rate control (dVdt)
• Active high enable input with adjustable
undervoltage lockout threshold (UVLO)
• Active low enable input with adjustable
undervoltage lockout threshold (OVLO)
• Fast overvoltage protection
– Adjustable overvoltage lockout (OVLO) with
1.2-μs (typ.) response time
• Analog load current monitor output (IMON)
– • ±9 % accuracy for IOUT > 3 A
• Fast-trip response for short-circuit protection in
steady-state
– 640-ns (typ.) response time
– Fixed threshold
• Overtemperature protection
• Power-good (PG) indication with adjustable
threshold (PGTH)
• Quick Output Discharge
• Small footprint: QFN 2 mm × 2 mm, 0.45-mm pitch

2 Applications
• Optical modules
• Server/PC motherboard/add-on cards
• Enterprise routers/data center switches
• Industrial PC
• UHDTV

3 Description
The TPS22811x is a highly-integrated, powerdistribution
solution in a small package. The device
allows control and monitoring of power supply rails
using minimum number of external components.
Output slew rate and inrush current can be adjusted
using one external capacitor. Loads are protected
from input overvoltage conditions by cutting off the
output if input exceeds an adjustable overvoltage
threshold. The device integrates a fast-trip response
to provide protection against severe faults at the
output during steady-state.
The devices provide an accurate analog sense of
the output load current as well as a digital powergood
indication to help with system monitoring and
diagnostics.
The devices are available in a 2-mm × 2-mm, 10-
pin HotRod™ QFN package for improved thermal
performance and reduced system footprint.
The devices are characterized for operation over a
junction temperature range of –40°C to +125°C.




Similar Part No. - TPS22811X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22811X TI-TPS22811X Datasheet
3Mb / 42P
[Old version datasheet]   TPS22811x 2.7 V??6 V, 10-A, 6-m廓 Load Switch with Adjustable Overvoltage Protection and Current Monitoring
APRIL 2022
More results


Similar Description - TPS22811X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22811 TI-TPS22811 Datasheet
3Mb / 42P
[Old version datasheet]   TPS22811x 2.7 V??6 V, 10-A, 6-m廓 Load Switch with Adjustable Overvoltage Protection and Current Monitoring
APRIL 2022
TPS25983X TI1-TPS25983X Datasheet
5Mb / 52P
[Old version datasheet]   TPS25983 2.7-V to 26-V, 2.7-mΩ, 18-A Integrated Hot-Swap with Accurate Load Current Monitoring and Adjustable Transient Fault Management
AUGUST 2023
TPS25983 TI-TPS25983 Datasheet
4Mb / 57P
[Old version datasheet]   TPS25983 2.7-V to 26-V, 2.7-mΩ, 18-A Integrated Hot-Swap with Accurate Load Current Monitoring and Adjustable Transient Fault Management
REVISED OCTOBER 2023
TPS22950-Q1 TI-TPS22950-Q1_V01 Datasheet
914Kb / 25P
[Old version datasheet]   TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
REVISED DECEMBER 2022
TPS22950-Q1 TI-TPS22950-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
SEPTEMBER 2022
TPS25961 TI-TPS25961 Datasheet
3Mb / 37P
[Old version datasheet]   TPS25961 2.7-V–19-V, 106-mΩ, eFuse With Adjustable Current Limit and Short-Circuit Protection
DECEMBER 2022
TPS25981 TI-TPS25981_V01 Datasheet
5Mb / 50P
[Old version datasheet]   TPS25981x 2.7 V – 16 V, 10-A, 6-mΩ eFuse with Transient Overcurrent Blanking Timer
REVISED JULY 2022
TPS25981 TI-TPS25981_V02 Datasheet
5Mb / 52P
[Old version datasheet]   TPS25981x 2.7 V – 16 V, 10-A, 6-mΩ eFuse with Transient Overcurrent Blanking Timer
REVISED JUNE 2023
TPS22950 TI-TPS22950_V03 Datasheet
1Mb / 28P
[Old version datasheet]   TPS22950x 5.5-V, 3.2-A, 34-mΩ Adjustable Current Limited Load Switch
REVISED FEBRUARY 2023
TPS25982 TI1-TPS25982_V01 Datasheet
5Mb / 56P
[Old version datasheet]   TPS25982 2.7 V to 24 V, 15-A, 2.7-m廓 Smart eFuse With 1.5% Accurate Load Current Monitoring and Adjustable Transient Fault Management
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com