Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1219 Datasheet (PDF) - ON Semiconductor

NCP1219 Datasheet PDF - ON Semiconductor
Part # NCP1219_V01
Download  NCP1219 Download

File Size   178.05 Kbytes
Page   20 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description PWM Controller with Adjustable Skip Level and External Latch Input

NCP1219 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP1219 Datasheet PDF - ON Semiconductor

Part # NCP1219_V01
Download  NCP1219 Click to download

File Size   178.05 Kbytes
Page   20 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description PWM Controller with Adjustable Skip Level and External Latch Input

NCP1219 Datasheet (HTML) - ON Semiconductor


NCP1219 Product details

The NCP1219 represents a new, pin to pin compatible, generation
of the successful 7−pin current mode NCP12XX product series. The
controller allows for excellent standby power consumption by use of
its adjustable skip mode and integrated high voltage startup FET.
Internal frequency jittering, ramp compensation, timer−based fault
detection and a latch input make this controller an excellent
candidate for converters where ruggedness and component cost are
the key constraints.
The Dynamic Self Supply (DSS) drastically simplifies the
transformer design in avoiding the use of an auxiliary winding to
supply the NCP1219. This feature is particularly useful in
applications where the output voltage varies during operation (e.g.
battery chargers). Due to its high voltage technology, the IC can be
directly connected to the high voltage dc rail.

Features
• Fixed−Frequency Current−Mode Operation with Ramp
Compensation (65 kHz and 100 kHz Options)
• Dynamic Self Supply Eliminates the Need for an Auxiliary Winding
• Timer−Based Fault Protection for Improved Overload Detection
• Cycle Skip Reduces Input Power in Standby Mode
• Latch and Auto−Recovery Overload Protection Options
• Internal High Voltage Startup Circuit
• Accurate Current Limit Detector (±5%)
• Adjustable Skip Level
• Latch Input for Easy Implementation of Overvoltage and
Overtemperature Protection
• Frequency Modulation for Softened EMI Signature
• 500 mA/800 mA Peak Source/Sink Current Drive Capability
• Pin to Pin Compatible with the Existing NCP12XX Series
• These Devices are Pb−Free and Halogen Free/BFR Free*

Typical Applications
• AC−DC Adapters for Notebooks, LCD Monitors
• Offline Battery Chargers
• Consumer Electronic Appliances STB, DVD, DVDR




Similar Part No. - NCP1219_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1219AD100R2G ONSEMI-NCP1219AD100R2G Datasheet
207Kb / 20P
PWM Controller with Adjustable Skip Level and External Latch Input
May, 2009 ??Rev. 1
NCP1219AD100R2G ONSEMI-NCP1219AD100R2G Datasheet
185Kb / 20P
PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 3
NCP1219AD65R2G ONSEMI-NCP1219AD65R2G Datasheet
207Kb / 20P
PWM Controller with Adjustable Skip Level and External Latch Input
May, 2009 ??Rev. 1
NCP1219AD65R2G ONSEMI-NCP1219AD65R2G Datasheet
185Kb / 20P
PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 3
NCP1219BD100R2G ONSEMI-NCP1219BD100R2G Datasheet
185Kb / 20P
PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 3
More results


Similar Description - NCP1219_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1219 ONSEMI-NCP1219 Datasheet
207Kb / 20P
PWM Controller with Adjustable Skip Level and External Latch Input
May, 2009 ??Rev. 1
NCP1218 ONSEMI-NCP1218 Datasheet
209Kb / 20P
PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 1
NCP1219BD100R2G ONSEMI-NCP1219BD100R2G Datasheet
185Kb / 20P
PWM Controller with Adjustable Skip Level and External Latch Input
October, 2009 ??Rev. 3
NCP1271P100G ONSEMI-NCP1271P100G Datasheet
239Kb / 21P
Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1271 ONSEMI-NCP1271 Datasheet
239Kb / 21P
Soft-Skip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
NCP1271 ONSEMI-NCP1271 Datasheet
151Kb / 19P
Soft?뭆kip Mode Standby PWM Controller with Adjustable Skip Level and External Latch
September, 2009 ??Rev. 6
logo
Maxim Integrated Produc...
MAX22201EVKIT MAXIM-MAX22201EVKIT Datasheet
1Mb / 11P
Configurable for External PWM or Adjustable On-Board PWM Input
Rev 0; 1/21
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Renesas Technology Corp
ISL95872 RENESAS-ISL95872 Datasheet
830Kb / 17P
Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Intersil Corporation
ISL95872 INTERSIL-ISL95872 Datasheet
617Kb / 17P
Buck PWM Controller with Internal Compensation and External Reference Tracking
January 26, 2012
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com