Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP000091117 Datasheet (PDF) - Infineon Technologies AG

SP000091117 Datasheet PDF - Infineon Technologies AG
Part # SP000091117
Download  SP000091117 Download

File Size   202.05 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Lichtwellenleiter LTT 150mm,172mm Fiber-optic cables LTT 150mm,172mm

SP000091117 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP000091117 Datasheet PDF - Infineon Technologies AG

Part # SP000091117
Download  SP000091117 Click to download

File Size   202.05 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Lichtwellenleiter LTT 150mm,172mm Fiber-optic cables LTT 150mm,172mm

SP000091117 Datasheet (HTML) - Infineon Technologies AG

SP000091117 Datasheet HTML 1Page - Infineon Technologies AG SP000091117 Datasheet HTML 2Page - Infineon Technologies AG

SP000091117 Product details

Key Parameters
Length 3000mm
Mono glass fiber 200μm
Pre tested with pull force of 350N/mm2
Compatible with Laser diode SPL PL90




Similar Part No. - SP000091117

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000091118 INFINEON-SP000091118 Datasheet
131Kb / 2P
   Laser diode SPL – PL90
2012-06-14 Revision: 2.2
SP000091119 INFINEON-SP000091119 Datasheet
201Kb / 2P
   Lichtwellenleiter LTT 76mm Fiber-optic cables LTT 76mm
2016-07-07 Revision: 3.1
More results


Similar Description - SP000091117

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000091120 INFINEON-SP000091120 Datasheet
201Kb / 2P
   Lichtwellenleiter LTT 76mm Fiber-optic cables LTT 76mm
2016-07-07 Revision: 3.1
logo
ORION FANS
WMG172 ORIONFANS-WMG172 Datasheet
176Kb / 1P
   Wire Mesh Guard for 172mm Fan
logo
Token Electronics Indus...
LTT4.5MA TOKEN-LTT4.5MA Datasheet
304Kb / 3P
   LTT MA Ceramic Filters for TV/VCR Stage
logo
PowerDynamics, Inc
PDSN-5 POWERDYNAMICS-PDSN-5 Datasheet
40Kb / 1P
   9V BATTERY SNAP W/ FIBER BOARD; 150mm LONG
logo
Molex Electronics Ltd.
151340202 MOLEX-151340202 Datasheet
151Kb / 1P
   Picoblade 2 Circuit 150MM
2016/07/28
151340402 MOLEX-151340402 Datasheet
152Kb / 1P
   Picoblade 4 Circuit 150MM
2016/07/28
797582147 MOLEX-797582147 Datasheet
136Kb / 1P
   MINILOCK TIN PLATED 150MM 22AWG
2019/06/11
451320601 MOLEX-451320601 Datasheet
250Kb / 1P
   Microfit 6 Circuit 150MM
2016/04/20
151340302 MOLEX-151340302 Datasheet
152Kb / 1P
   Picoblade 3 Circuit 150MM
2016/07/28
451350401 MOLEX-451350401 Datasheet
213Kb / 1P
   Minifit 4 Circuit 150MM
2016/04/20
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com