Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61040-Q1 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS61040-Q1 Datasheet PDF - Texas Instruments
Part # TPS61040-Q1
Download  TPS61040-Q1 Download
File Size   707.83 Kbytes
Page   28 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS6104x-Q1 Low-Power DC-DC Boost Converter in SOT-23 Package

TPS61040-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61040-Q1 Datasheet PDF - Texas Instruments

Part # TPS61040-Q1
Download  TPS61040-Q1 Click to download

File Size   707.83 Kbytes
Page   28 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS6104x-Q1 Low-Power DC-DC Boost Converter in SOT-23 Package

TPS61040-Q1 Datasheet (HTML) - Texas Instruments


TPS61040-Q1 Product details

1 Features
1• Qualified for Automotive Applications
• 1.8-V to 6-V Input Voltage Range
• Adjustable Output Voltage Range Up to 28 V
• 400-mA (TPS61040-Q1) and 250-mA (TPS61041-
Q1) Internal Switch Current
• Up to 1-MHz Switching Frequency
• 28-μA Typical No Load Quiescent Current
• 1-μA Typical Shutdown Current
• Internal Soft Start
• Space-Saving, 5-Pin SOT-23 Package

2 Applications
• Automotive Telematics, eCall, and Tolling
• Infotainment and Clusters
• Advanced Driver Assistance System (ADAS)
• LCD Bias Supplies
• White-LED Supplies for LCD Backlights
• Dual-CELL NiMH/NiCd or Single-CELL Li-Ion
Battery-Powered Systems
• Standard 3.3-V or 5-V to 12-V Conversions

3 Description
The TPS6104x-Q1 devices are high-frequency boost
converters for automotive applications. The devices
are ideal for generating output voltages up to 28 V
from a pre-regulated low voltage rail, dual-cell
NiMH/NiCd or a single-cell Li-Ion battery, supporting
input voltages from 1.8 V to 6 V.
The TPS6104x-Q1 devices operate with a switching
frequency up to 1 MHz, allowing the use of small
external components such as ceramic as well as
tantalum output capacitors. Combined with the spacesaving,
5-pin SOT-23 package, the TPS6104x-Q1
devices accomplish a small overall solution size. The
TPS61040-Q1 device has an internal 400-mA switch
current limit, while the TPS61041-Q1 device has a
250-mA switch current limit, offering lower output
voltage ripple and allowing the use of a smaller form
factor inductor for lower-power applications.
The TPS6104x-Q1 devices operate in a pulse
frequency modulation (PFM) scheme with constant
peak current control. The combination of low
quiescent current (28 μA typical) and the optimized
control scheme enable operation of the devices at
high efficiencies over the entire load current range.




Similar Part No. - TPS61040-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61040-Q1 TI-TPS61040-Q1 Datasheet
288Kb / 18P
LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1 Datasheet
797Kb / 24P
LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1_15 Datasheet
797Kb / 24P
LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI1-TPS61040-Q1_16 Datasheet
1,013Kb / 27P
Low-Power DC-DC Boost Converter in SOT-23 Package
More results


Similar Description - TPS61040-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61040 TI-TPS61040 Datasheet
299Kb / 18P
LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1 Datasheet
288Kb / 18P
LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
logo
Sipex Corporation
SP6641A SIPEX-SP6641A_05 Datasheet
133Kb / 13P
500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Texas Instruments
TPS61040 TI-TPS61040_07 Datasheet
527Kb / 22P
LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
TPS61040DDCR TI-TPS61040DDCR Datasheet
977Kb / 27P
LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
logo
Sipex Corporation
SP6641BEK-L-5-0 SIPEX-SP6641BEK-L-5-0 Datasheet
137Kb / 13P
500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641AEK SIPEX-SP6641AEK Datasheet
137Kb / 13P
500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Texas Instruments
TPS61040-Q1 TI-TPS61040-Q1_15 Datasheet
797Kb / 24P
LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI1-TPS61040-Q1_16 Datasheet
1,013Kb / 27P
Low-Power DC-DC Boost Converter in SOT-23 Package
logo
Exar Corporation
SP6641BEK-L-5-0-TR EXAR-SP6641BEK-L-5-0-TR Datasheet
137Kb / 14P
500mA Alkaline DC/DC Boost Regulator in SOT-23
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com