Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OHD Datasheet (PDF) - Kemet Corporation

OHD Datasheet PDF - Kemet Corporation
Part # OHD
Download  OHD Download

File Size   576.99 Kbytes
Page   12 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Thermal Sensors

OHD Datasheet (PDF)

Go To PDF Page Download Datasheet
OHD Datasheet PDF - Kemet Corporation

Part # OHD
Download  OHD Click to download

File Size   576.99 Kbytes
Page   12 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Thermal Sensors

OHD Datasheet (HTML) - Kemet Corporation

Back Button OHD Datasheet HTML 1Page - Kemet Corporation OHD Datasheet HTML 2Page - Kemet Corporation OHD Datasheet HTML 3Page - Kemet Corporation OHD Datasheet HTML 4Page - Kemet Corporation OHD Datasheet HTML 5Page - Kemet Corporation OHD Datasheet HTML 6Page - Kemet Corporation OHD Datasheet HTML 7Page - Kemet Corporation OHD Datasheet HTML 8Page - Kemet Corporation OHD Datasheet HTML 9Page - Kemet Corporation OHD Datasheet HTML 10Page - Kemet Corporation Next Button 

OHD Product details

Overview
The OHD Thermal Guard is developed for thermal problem
countermeasures and safety standard conformity, which
are becoming increasingly important for electronic devices
in recent years.
Its unique proprietary design features a magnet and
a temperature-sensing soft ferromagnetic substance
called Thermorite®. The material’s magnetic flux density
decreases as the temperature increases turning it into a
paramagnetic substance at the Curie temperature.

Benefits
• High reliability for on/off operations
• High-speed response
• Long operational life
• Excellent environmental durability
• Compatibility with extremely low (0.1 mW or lower)
signals to high power (6 W) levels
• Extremely simple circuit design
• Compact, light and easy to handle
• Dust, explosion and corrosion-proof
• Wide range of operating temperatures available in 5°C
increments from +30°C to +130°C
• UL, CSA and TÜV approved
• RoHS/REACH compliant

Applications
Typical applications include atmospheric temperature
detection and overheating monitoring of power transistors,
power modules, room heaters, hot gas heaters, PPCs,
amplifiers, motors, HDDs, FDDs and other general
appliances.




Similar Part No. - OHD

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
OHD1 KEMET-OHD1 Datasheet
189Kb / 1P
   Thermal Sensors Overheat Protection
8/19/2019
OHD1-100B KEMET-OHD1-100B Datasheet
318Kb / 6P
   High reliability for on/off operations
OHD1-100M KEMET-OHD1-100M Datasheet
318Kb / 6P
   High reliability for on/off operations
OHD1-105B KEMET-OHD1-105B Datasheet
318Kb / 6P
   High reliability for on/off operations
OHD1-105M KEMET-OHD1-105M Datasheet
318Kb / 6P
   High reliability for on/off operations
More results


Similar Description - OHD

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
ST3000 KOA-ST3000 Datasheet
115Kb / 4P
   thermal sensors
logo
List of Unclassifed Man...
LA73 ETC2-LA73 Datasheet
196Kb / 2P
   THERMAL SENSORS
SDT101 ETC-SDT101 Datasheet
327Kb / 2P
   THERMAL SENSORS
TS3-57 ETC2-TS3-57 Datasheet
393Kb / 5P
   Thermal Sensors MOXIE
logo
KOA Speer Electronics, ...
SDT101AX KOA-SDT101AX Datasheet
92Kb / 2P
   platinumthin film thermal sensors
logo
Kemet Corporation
TXS KEMET-TXS Datasheet
189Kb / 1P
   Thermal Sensors Overheat Protection
8/19/2019
logo
KOA Speer Electronics, ...
SDT101AXCT26A100DF KOA-SDT101AXCT26A100DF Datasheet
243Kb / 2P
   platinum thin film thermal sensors
SDT73H2B KOA-SDT73H2B Datasheet
87Kb / 2P
   platinumthin film thermal chip sensors
SDT310LT KOA-SDT310LT Datasheet
95Kb / 3P
   small type platinumthin film thermal sensors
SDT73H2BTTE100F385 KOA-SDT73H2BTTE100F385 Datasheet
236Kb / 2P
   platinum thin film thermal chip sensors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com