Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L487 Datasheet (PDF) - List of Unclassifed Manufacturers

L487 Datasheet PDF - List of Unclassifed Manufacturers
Part # L487
Download  L487 Download

File Size   56.38 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description VERY LOW DROP 5V VOLTAGE REGULATOR WITH RESET

L487 Datasheet (PDF)

Go To PDF Page Download Datasheet
L487 Datasheet PDF - List of Unclassifed Manufacturers

Part # L487
Download  L487 Click to download

File Size   56.38 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description VERY LOW DROP 5V VOLTAGE REGULATOR WITH RESET

L487 Datasheet (HTML) - List of Unclassifed Manufacturers

L487 Datasheet HTML 1Page - List of Unclassifed Manufacturers L487 Datasheet HTML 2Page - List of Unclassifed Manufacturers L487 Datasheet HTML 3Page - List of Unclassifed Manufacturers

L487 Product details

ı PRECISE OUTPUT VOLTAG E (5V ± 4% )
ı VERY LOW DROPOUT VOLTAGE
ı OUTPUT CURRENT IN EXCESS OF 500mA
ı POWER-ON, POWER-OF F INFOR MATION
( RESET FUNCTI ON)
ı +80/‒80V LOAD DUMP PROTECTION
ı OVERVOLTAGE AND REVERSE VOLTAG E
PROTECTION
ı SHORT CIRCUIT PROTECTION AND
THERMAL SHUT-DOWN




Similar Part No. - L487

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
L4877A-E MAXIM-L4877A-E Datasheet
262Kb / 16P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
More results


Similar Description - L487

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L387A STMICROELECTRONICS-L387A_03 Datasheet
245Kb / 6P
   VERY LOW DROP 5V REGULATOR WITH RESET
L387AH STMICROELECTRONICS-L387AH Datasheet
262Kb / 6P
   VERY LOW DROP 5V REGULATOR WITH RESET
L387A STMICROELECTRONICS-L387A Datasheet
81Kb / 6P
   VERY LOW DROP 5V REGULATOR WITH RESET
L4947 STMICROELECTRONICS-L4947 Datasheet
57Kb / 6P
   5V-0.5A VERY LOW DROP REGULATOR WITH RESET
L4947PD STMICROELECTRONICS-L4947PD Datasheet
53Kb / 6P
   5V-0.5A VERY LOW DROP REGULATOR WITH RESET
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
   5V VERY LOW DROP VOLTAGE REGULATOR
L4922 STMICROELECTRONICS-L4922 Datasheet
50Kb / 6P
   VERY LOW DROP REGULATOR WITH RESET
L4923 STMICROELECTRONICS-L4923 Datasheet
53Kb / 6P
   WITH RESET AND INHIBIT 5V.1A VERY LOW DROP REGULATOR
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
   VERY LOW DROP VOLTAGE REGULATOR
logo
ON Semiconductor
NCV4275C ONSEMI-NCV4275C Datasheet
143Kb / 15P
   450 mA Low-Drop Voltage Regulator with Reset
January, 2014 ??Rev. 0
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com