Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1848969 Datasheet (PDF) - PHOENIX CONTACT

1848969 Datasheet PDF - PHOENIX CONTACT
Part # 1848969
Download  1848969 Download

File Size   711.02 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - LPC 1,5/ 9-ST-3,81

1848969 Datasheet (PDF)

Go To PDF Page Download Datasheet
1848969 Datasheet PDF - PHOENIX CONTACT

Part # 1848969
Download  1848969 Click to download

File Size   711.02 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - LPC 1,5/ 9-ST-3,81

1848969 Datasheet (HTML) - PHOENIX CONTACT

Back Button 1848969 Datasheet HTML 1Page - PHOENIX CONTACT 1848969 Datasheet HTML 2Page - PHOENIX CONTACT 1848969 Datasheet HTML 3Page - PHOENIX CONTACT 1848969 Datasheet HTML 4Page - PHOENIX CONTACT 1848969 Datasheet HTML 5Page - PHOENIX CONTACT 1848969 Datasheet HTML 6Page - PHOENIX CONTACT 1848969 Datasheet HTML 7Page - PHOENIX CONTACT 1848969 Datasheet HTML 8Page - PHOENIX CONTACT 1848969 Datasheet HTML 9Page - PHOENIX CONTACT 1848969 Datasheet HTML 10Page - PHOENIX CONTACT Next Button 

1848969 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage (III/2): 160 V, contact surface: Tin, type of contact: Female connector, number of rows: 1, number of positions: 9, product range: LPC 1,5/..-ST, pitch: 3.81 mm, connection method: Lever Push-in connection, conductor/PCB connection direction: 0 °, plug-in system: COMBICON MC 1,5, locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Tool-free lever principle enables time-saving connection and release of conductors with/without ferrules
• Clear lever positions provide reliable feedback on opened or closed clamping spaces
• Time-saving push-in connection when lever is closed
• Quick and convenient testing using integrated test option




Similar Part No. - 1848969

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1848901 PHOENIX-1848901 Datasheet
711Kb / 17P
   PCB connector - LPC 1,5/ 3-ST-3,81
Jul 20, 2022
1848902 PHOENIX-1848902 Datasheet
144Kb / 5P
   PCV 4/ 3-G-7,62
1848902 PHOENIX-1848902 Datasheet
164Kb / 5P
   PC 4/ 3-G-7,62
1848914 PHOENIX-1848914 Datasheet
710Kb / 17P
   PCB connector - LPC 1,5/ 4-ST-3,81
Jul 20, 2022
1848915 PHOENIX-1848915 Datasheet
143Kb / 5P
   PCV 4/ 4-G-7,62
More results


Similar Description - 1848969

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1849269 PHOENIX-1849269 Datasheet
479Kb / 10P
   PCB connector - LPC 1,5/ 9-ST-3,81-LR
Jul 20, 2022
1848985 PHOENIX-1848985 Datasheet
684Kb / 16P
   PCB connector - LPC 1,5/11-ST-3,81
Jul 20, 2022
1848930 PHOENIX-1848930 Datasheet
712Kb / 17P
   PCB connector - LPC 1,5/ 6-ST-3,81
Jul 20, 2022
1848927 PHOENIX-1848927 Datasheet
712Kb / 17P
   PCB connector - LPC 1,5/ 5-ST-3,81
Jul 20, 2022
1848956 PHOENIX-1848956 Datasheet
710Kb / 17P
   PCB connector - LPC 1,5/ 8-ST-3,81
Jul 20, 2022
1848998 PHOENIX-1848998 Datasheet
670Kb / 16P
   PCB connector - LPC 1,5/12-ST-3,81
Jul 20, 2022
1848901 PHOENIX-1848901 Datasheet
711Kb / 17P
   PCB connector - LPC 1,5/ 3-ST-3,81
Jul 20, 2022
1849010 PHOENIX-1849010 Datasheet
584Kb / 13P
   PCB connector - LPC 1,5/14-ST-3,81
Jul 20, 2022
1848943 PHOENIX-1848943 Datasheet
712Kb / 17P
   PCB connector - LPC 1,5/ 7-ST-3,81
Jul 20, 2022
1848972 PHOENIX-1848972 Datasheet
698Kb / 17P
   PCB connector - LPC 1,5/10-ST-3,81
Jul 20, 2022
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com