Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

805-00038 Datasheet (PDF) - List of Unclassifed Manufacturers

805-00038 Datasheet PDF - List of Unclassifed Manufacturers
Part # 805-00038
Download  805-00038 Download

File Size   127.56 Kbytes
Page   1 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description X-Cite Mini LED illuminator

805-00038 Datasheet (PDF)

Go To PDF Page Download Datasheet
805-00038 Datasheet PDF - List of Unclassifed Manufacturers

Part # 805-00038
Download  805-00038 Click to download

File Size   127.56 Kbytes
Page   1 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description X-Cite Mini LED illuminator

805-00038 Datasheet (HTML) - List of Unclassifed Manufacturers

805-00038 Datasheet HTML 1Page - List of Unclassifed Manufacturers

805-00038 Product details

Includes:
• 365nm or 385nm UV LED excitation
• Spectral coverage UV-Cy5
• 1% intensity control with manual speedDIAL hand controller
• USB/TTL control
• Power cord




Similar Part No. - 805-00038

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
805-00002 ETC2-805-00002 Datasheet
819Kb / 16P
   Eddie Robot Platform
805-00012 ETC2-805-00012 Datasheet
134Kb / 11P
   Parallax Serial LCD
More results


Similar Description - 805-00038

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X-CITEXYLIS ETC1-X-CITEXYLIS Datasheet
157Kb / 1P
   X-Cite Xylis LED illuminator
X-CITE120Q ETC1-X-CITE120Q Datasheet
166Kb / 1P
   X-Cite 120Q illuminator
OTFI-0100 ETC2-OTFI-0100 Datasheet
263Kb / 4P
   LED Fiber Optic Illuminator
logo
Aven, Inc.
26200B-221 AVEN-26200B-221 Datasheet
1,020Kb / 1P
   LED Dual Gooseneck Spotlight Illuminator
logo
Fairchild Semiconductor
MV942 FAIRCHILD-MV942 Datasheet
183Kb / 5P
   SOLID STATE LED LAMPS LCD BACKLIGHT ILLUMINATOR
logo
List of Unclassifed Man...
810-00022X ETC1-810-00022X Datasheet
622Kb / 5P
   X-Cite® illuminators have been qualified for the following microscopes:
June 2021
logo
LUMEX INC.
SSB-LX02SRC LUMEX-SSB-LX02SRC_17 Datasheet
86Kb / 1P
   2 Chip LCD Illuminator
logo
Aven, Inc.
26200A-310 AVEN-26200A-310 Datasheet
653Kb / 1P
   Fiber Optic Illuminator 20W
logo
LUMEX INC.
SSB-LX02IC LUMEX-SSB-LX02IC Datasheet
83Kb / 1P
   2 Chip LCD Illuminator
SSB-LX02SGC LUMEX-SSB-LX02SGC Datasheet
83Kb / 1P
   2 Chip LCD Illuminator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com