Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F0909S-1WR3 Datasheet (PDF) - MORNSUN Science& Technology Ltd.

F0909S-1WR3 Datasheet PDF - MORNSUN Science& Technology Ltd.
Part # F0909S-1WR3
Download  F0909S-1WR3 Download

File Size   2052.75 Kbytes
Page   6 Pages
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.
Description 1W isolated DC-DC converter Fixed input voltage, unregulated dual/single output

F0909S-1WR3 Datasheet (PDF)

Go To PDF Page Download Datasheet
F0909S-1WR3 Datasheet PDF - MORNSUN Science& Technology Ltd.

Part # F0909S-1WR3
Download  F0909S-1WR3 Click to download

File Size   2052.75 Kbytes
Page   6 Pages
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.
Description 1W isolated DC-DC converter Fixed input voltage, unregulated dual/single output

F0909S-1WR3 Datasheet (HTML) - MORNSUN Science& Technology Ltd.

F0909S-1WR3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. F0909S-1WR3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. F0909S-1WR3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. F0909S-1WR3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. F0909S-1WR3 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. F0909S-1WR3 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.

F0909S-1WR3 Product details

FEATURES
 Continuous short-circuit protection
 No-load input current as low as 8mA
 Operating ambient temperature
range: -40℃ to +105℃
 High efficiency up to 81%
 I/O isolation test voltage: 3k VDC
 Industry standard pin-out




Similar Part No. - F0909S-1WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
F0909S-1WR2 MORNSUN-F0909S-1WR2 Datasheet
1Mb / 5P
   DC/DC Converter
More results


Similar Description - F0909S-1WR3

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
F0505T-1W CRYSTEKCRYSTAL-F0505T-1W_10 Datasheet
327Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1S7E GAPTEC-1S7E Datasheet
1Mb / 5P
   1W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7E-3UP GAPTEC-1S7E-3UP Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B GAPTEC-1S7B Datasheet
2Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7A GAPTEC-1S7A Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B-6U GAPTEC-1S7B-6U Datasheet
650Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B-4UP GAPTEC-1S7B-4UP Datasheet
696Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T10A-3U GAPTEC-1T10A-3U Datasheet
1Mb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B-6UP GAPTEC-1S7B-6UP Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T12A GAPTEC-1T12A Datasheet
746Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com