Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3978D-HR-DH-W Datasheet (PDF) - PCTEL, Inc.

3978D-HR-DH-W Datasheet PDF - PCTEL, Inc.
Part # 3978D-HR-DH-W
Download  3978D-HR-DH-W Download

File Size   196.11 Kbytes
Page   1 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description High Gain & High Rejection Permanent Mount GPS Antenna

3978D-HR-DH-W Datasheet (PDF)

Go To PDF Page Download Datasheet
3978D-HR-DH-W Datasheet PDF - PCTEL, Inc.

Part # 3978D-HR-DH-W
Download  3978D-HR-DH-W Click to download

File Size   196.11 Kbytes
Page   1 Pages
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.
Description High Gain & High Rejection Permanent Mount GPS Antenna

3978D-HR-DH-W Datasheet (HTML) - PCTEL, Inc.

3978D-HR-DH-W Datasheet HTML 1Page - PCTEL, Inc.

3978D-HR-DH-W Product details

The 3978D-HR-DH-W high gain, permanent mount GPS Antenna provides 40 dB
gain and superior out-of-band rejection performance and is the optimum choice
for GPS Tracking and Timing applications with long cable runs and stand alone
GPS applications. It features a precision tuned custom ceramic patch element for
maximum signal reception, 15KV ESD circuit protection, a multi-stage LNA circuit and
dual high rejection SAW filters. This enables the 3978DHR- DH-W to provide a reliable
and clear GPS signal while minimizing loss-of-lock, even when conditions are less than
ideal. Available in an all-plastic, non-corrosive conical package for vehicle mounting or
fixed installations.

Features
• Weather proof, all-plastic, non-corrosive, cone-shaped enclosure
• ¾ inch thru-hole or bracket mount
• Unique radome sheds water and ice, while eliminating problems associated with
bird perching
• Very high rejection dual SAW filter for superior out-of-band rejection
• Voltage range: 2.7-5.5 V
• High gain: 40 dB (typical)




Similar Part No. - 3978D-HR-DH-W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
397 ETC2-397 Datasheet
335Kb / 1P
   T-1 3/4 STANDARD MIDGET GROOVE
logo
Energizer
397 ENERGIZER-397 Datasheet
534Kb / 1P
   Silver Oxide Batteries
397-396TZ ENERGIZER-397-396TZ Datasheet
534Kb / 1P
   Industry Standard Dimensions
logo
Agere Systems
3970 AGERE-3970 Datasheet
121Kb / 6P
   3970-Type 1550 nm Transmitter
logo
Qualtek Electronics Cor...
397001-01 QUALTEK-397001-01 Datasheet
163Kb / 1P
   POWER CORD
More results


Similar Description - 3978D-HR-DH-W

ManufacturerPart #DatasheetDescription
logo
Tallysman Wireless Inc.
TW3752 TALLYSMAN-TW3752 Datasheet
583Kb / 2P
   TW3752 High Gain / High Rejection GPS GLONASS Galileo BeiDou Timing Antenna
logo
World Produts Inc.
WPANT67001-R1A WPI-WPANT67001-R1A Datasheet
84Kb / 2P
   High Gain GPS Body-mount Antenna
WPANT67002-R1A WPI-WPANT67002-R1A Datasheet
73Kb / 2P
   High Gain GPS Body-mount Antenna
logo
Tallysman Wireless Inc.
TW3142 TALLYSMAN-TW3142 Datasheet
221Kb / 2P
   TW3142 High Gain / High Rejection Antenna
TW3039 TALLYSMAN-TW3039 Datasheet
171Kb / 2P
   TW3039 Permanent Mount GPS L1 Antenna
TW3150 TALLYSMAN-TW3150 Datasheet
250Kb / 2P
   TW3150/52 High Gain / High Rejection Timing Antenna
logo
PCTEL, Inc.
8111D-HR PCTEL-8111D-HR Datasheet
346Kb / 4P
   Stingray GNSS Magnetic High Rejection Tracking Antenna GNSS/GPS Antennas - High Rejection
March 2021
logo
Tallysman Wireless Inc.
TW3040 TALLYSMAN-TW3040 Datasheet
187Kb / 2P
   TW3040/ TW3042 Permanent Mount GPS L1 Antenna
TW3100 TALLYSMAN-TW3100 Datasheet
490Kb / 2P
   TW3100 / TW3102 Permanent Mount GPS L1 Antenna
TW3010 TALLYSMAN-TW3010 Datasheet
191Kb / 2P
   TW3010/TW3012 Permanent Mount GPS L1 Antenna
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com