Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1206 Datasheet (PDF) - Vishay Siliconix

L1206 Datasheet PDF - Vishay Siliconix
Part # L1206
Download  L1206 Download
File Size   161.54 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description SMD Wraparound Ultra Low Value Thin Film Resistors

L1206 Datasheet (PDF)

Go To PDF Page Download Datasheet
L1206 Datasheet PDF - Vishay Siliconix

Part # L1206
Download  L1206 Click to download

File Size   161.54 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description SMD Wraparound Ultra Low Value Thin Film Resistors

L1206 Datasheet (HTML) - Vishay Siliconix


L1206 Product details

FEATURES
• NiCr + Ta2O5 resistive layer
• Pre-soldered or gold terminations
• No inductance for high frequency applications
• Alumina substrates for high power handling
capability
• Resistance range: 0.1  to 9.99 
• TCR down to 50 ppm/°C
• Power rating: up to 2 W at +70 °C
• Withstand AEC-Q200 humidity test
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details




Similar Part No. - L1206

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
L1206A101K LEIDITECH-L1206A101K Datasheet
430Kb / 4P
ESD-SMD Multilayer chip Varistor
L1206A180K LEIDITECH-L1206A180K Datasheet
430Kb / 4P
ESD-SMD Multilayer chip Varistor
L1206A210K LEIDITECH-L1206A210K Datasheet
430Kb / 4P
ESD-SMD Multilayer chip Varistor
L1206A240K LEIDITECH-L1206A240K Datasheet
430Kb / 4P
ESD-SMD Multilayer chip Varistor
L1206A270K LEIDITECH-L1206A270K Datasheet
430Kb / 4P
ESD-SMD Multilayer chip Varistor
More results


Similar Description - L1206

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCWE0603R330FKEA VISHAY-RCWE0603R330FKEA Datasheet
85Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Extremely Low Value
Revision: 07-Mar-13
P0603H2002BBT VISHAY-P0603H2002BBT Datasheet
144Kb / 10P
High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors
Revision: 19-Nov-13
CS22 VISHAY-CS22_15 Datasheet
76Kb / 3P
Single Value Wirebondable Thin Film Chip Resistors
Revision: 21-Nov-13
P VISHAY-P Datasheet
131Kb / 10P
High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
Revision: 20-Feb-15
TNPUE3 VISHAY-TNPUE3 Datasheet
111Kb / 8P
Ultra Precision Thin Film Chip Resistors
Revision: 28-Jan-15
RCWL VISHAY-RCWL Datasheet
90Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Low Value (0.1 Ω to 0.91 Ω)
Revision: 21-Aug-2018
P VISHAY-P_V01 Datasheet
148Kb / 10P
High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
01-Jan-2022
RCWL VISHAY-RCWL_V01 Datasheet
90Kb / 4P
Thick Film Surface Mount Chip Resistors, Wraparound, Low Value (0.1  to 0.91 )
01-Jan-2022
RV VISHAY-RV_V01 Datasheet
103Kb / 5P
High Precision Wraparound Thin Film Chip Resistors
01-Jan-2022
TNPUE3 VISHAY-TNPUE3_V02 Datasheet
141Kb / 9P
Ultra Precision Thin Film Chip Resistors
01-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com