Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2002180400 Datasheet (PDF) - Molex Electronics Ltd.

2002180400 Datasheet PDF - Molex Electronics Ltd.
Part # 2002180400
Download  2002180400 Download
File Size   724.67 Kbytes
Page   7 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for 1.8mm SLD WTW Crimp Terminals

2002180400 Datasheet (PDF)

Go To PDF Page Download Datasheet
2002180400 Datasheet PDF - Molex Electronics Ltd.

Part # 2002180400
Download  2002180400 Click to download

File Size   724.67 Kbytes
Page   7 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for 1.8mm SLD WTW Crimp Terminals

2002180400 Datasheet (HTML) - Molex Electronics Ltd.


2002180400 Product details

FEATURES
A full cycle ratcheting hand tool ensures complete crimps
Ergonomically designed soft handles
Precisely designed crimping profiles with simple contact positioning
Easy handling due to outstanding force ratio
Modular Crimp Head is removable and can be used in the Air Powered Tool Order No. 63816-
0100, accompanied by Air Powered Crimp Adapter (Order No. 63816-0700)
Can also be used in the Battery Powered Tool Order No. 63816-0200 (110 V) or 63816-0250
(220 V), accompanied by Battery Powered Crimp Adapter (Order No. 63816-0600)
This tool is IPC/WHMA-A-620 Class 2 compliant as indicated on page 2
This tool is RoHS compliant




Similar Part No. - 2002180400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2002180400 MOLEX2-2002180400 Datasheet
724Kb / 7P
Hand Crimp Tool for 1.8mm SLD WTW Crimp Terminals
01-08-18
2002180400 MOLEX-2002180400 Datasheet
63Kb / 3P
Hand Crimp Tool for Squba 1.8 Plug and Receptacle Crimp Terminals, 24-22 AWG
Jun 13, 2025
2002180400 MOLEX-2002180400_V01 Datasheet
63Kb / 3P
Hand Crimp Tool for Squba 1.8 Plug and Receptacle Crimp Terminals, 24-22 AWG
Jun 13, 2025
More results


Similar Description - 2002180400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63811-5300 MOLEX11-63811-5300 Datasheet
42Kb / 1P
Hand Crimp Tool for Crimp Terminals
63819-0100 MOLEX11-63819-0100 Datasheet
45Kb / 1P
Hand Crimp Tool for Crimp Terminals
63823-3300 MOLEX11-63823-3300 Datasheet
32Kb / 1P
Hand Crimp Tool for Crimp Terminals
0638116700 MOLEX-0638116700 Datasheet
34Kb / 1P
Hand Crimp Tool for Crimp Terminals
11/02/2021
200218-0400 MOLEX-200218-0400 Datasheet
724Kb / 7P
Hand Crimp Tool for 1.8mm SLD WTW Crimp Terminals
01-08-18
0638115400 MOLEX-0638115400 Datasheet
38Kb / 2P
Hand Crimp Tool for Crimp Terminals
11/02/2021
0638199500 MOLEX-0638199500 Datasheet
40Kb / 1P
Hand Crimp Tool for Crimp Terminals
11/02/2021
0638253100 MOLEX-0638253100 Datasheet
33Kb / 1P
Hand Crimp Tool for Crimp Terminals
11/02/2021
63808-3700 MOLEX-63808-3700 Datasheet
900Kb / 7P
FA2 Crimp Applicator for 1.8mm SLD WTW Crimp Terminals: 22-24 AWG
02-28-20
200218-0400 MOLEX2-200218-0400 Datasheet
724Kb / 7P
Hand Crimp Tool for 1.8mm SLD WTW Crimp Terminals
01-08-18
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com