Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT4123BCKA Datasheet (PDF) - Gennum Corporation

GT4123BCKA Datasheet PDF - Gennum Corporation
Part # GT4123BCKA
Download  GT4123BCKA Download

File Size   57.63 Kbytes
Page   5 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description GT4123B Two Channel Video Multiplier

GT4123BCKA Datasheet (PDF)

Go To PDF Page Download Datasheet
GT4123BCKA Datasheet PDF - Gennum Corporation

Part # GT4123BCKA
Download  GT4123BCKA Click to download

File Size   57.63 Kbytes
Page   5 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description GT4123B Two Channel Video Multiplier

GT4123BCKA Datasheet (HTML) - Gennum Corporation

GT4123BCKA Datasheet HTML 1Page - Gennum Corporation GT4123BCKA Datasheet HTML 2Page - Gennum Corporation GT4123BCKA Datasheet HTML 3Page - Gennum Corporation GT4123BCKA Datasheet HTML 4Page - Gennum Corporation GT4123BCKA Datasheet HTML 5Page - Gennum Corporation

GT4123BCKA Product details

DESCRIPTION

The GT4123B is a monolithic dual-channel video multiplier for use in a wide range of applications including broadcast and multimedia.



FEATURES

 two-quadrant video multiplication

 operation from ±4.5 V to ±13.2 V supply voltages

 20 MHz ±0.1 dB video & control channel bandwidth

 ultra low differential gain & differential phase

 convenient 8 pin package

 Pb-free and Green

 

APPLICATIONS

• Multimedia Graphics Overlay

• Production Switchers

• Linear Keyers



 




Similar Part No. - GT4123BCKA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GT4123 GENNUM-GT4123 Datasheet
150Kb / 7P
   Two Channel Video Multipliers
GT4123-CDA GENNUM-GT4123-CDA Datasheet
150Kb / 7P
   Two Channel Video Multipliers
GT4123-CKA GENNUM-GT4123-CKA Datasheet
150Kb / 7P
   Two Channel Video Multipliers
GT4123A GENNUM-GT4123A Datasheet
150Kb / 7P
   Two Channel Video Multipliers
GT4123ACDA GENNUM-GT4123ACDA Datasheet
150Kb / 7P
   Two Channel Video Multipliers
More results


Similar Description - GT4123BCKA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GT4123 GENNUM-GT4123 Datasheet
150Kb / 7P
   Two Channel Video Multipliers
GT4122 GENNUM-GT4122 Datasheet
131Kb / 5P
   GT4122 Video Multiplier
logo
Sanyo Semicon Device
LA7471M SANYO-LA7471M Datasheet
198Kb / 9P
   Two-Channel Video camera microphone amplifier
logo
Intersil Corporation
HA2546 INTERSIL-HA2546 Datasheet
534Kb / 19P
   Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
logo
Renesas Technology Corp
HA-2546 RENESAS-HA-2546 Datasheet
835Kb / 16P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
November 19, 2004
logo
Intersil Corporation
HA-2546 INTERSIL-HA-2546_04 Datasheet
827Kb / 16P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
HA-2546 INTERSIL-HA-2546 Datasheet
641Kb / 14P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
September 1998
HA-2547 INTERSIL-HA-2547 Datasheet
836Kb / 8P
   100MHz, Two Quadrant, Current Output, Analog Multiplier
logo
Maxim Integrated Produc...
MAX463 MAXIM-MAX463 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
logo
Gennum Corporation
GT4124 GENNUM-GT4124 Datasheet
149Kb / 5P
   GT4124 Video Multiplier with Strobed DC Restore
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com