Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT4124 Datasheet (PDF) - Gennum Corporation

GT4124 Datasheet PDF - Gennum Corporation
Part # GT4124
Download  GT4124 Download

File Size   149.04 Kbytes
Page   5 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description GT4124 Video Multiplier with Strobed DC Restore

GT4124 Datasheet (PDF)

Go To PDF Page Download Datasheet
GT4124 Datasheet PDF - Gennum Corporation

Part # GT4124
Download  GT4124 Click to download

File Size   149.04 Kbytes
Page   5 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description GT4124 Video Multiplier with Strobed DC Restore

GT4124 Datasheet (HTML) - Gennum Corporation


GT4124 Product details

DESCRIPTION
The GT4124 multiplier is a monolithic dual-channel video multiplier for use in the professional broadcast field. It incorporates a very fast and accurate strobed clamp to insure black level accuracy.

FEATURES
• broadcast quality video multiplier with a very accurate back porch clamp, (less than 2mV DC offset)
• 30 MHz at -1.0dB video and control channel bandwidth
• one external frequency compensation adjustment
• ultra low differential gain and differential phase, (typically 0.01% and 0.01 deg.)
• adjustable DC offset and span on the control input
• adjustable clamp reference level
• active low STROBE input
• 20 pin PDIP and SOIC packaging.

APPLICATIONS
• Production switcher video mixers
• Linear Keyers




Similar Part No. - GT4124

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GT412 MALLORY-GT412 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
logo
Gennum Corporation
GT4122 GENNUM-GT4122 Datasheet
131Kb / 5P
   GT4122 Video Multiplier
GT4122-CDF GENNUM-GT4122-CDF Datasheet
131Kb / 5P
   GT4122 Video Multiplier
GT4122-CKF GENNUM-GT4122-CKF Datasheet
131Kb / 5P
   GT4122 Video Multiplier
GT4123 GENNUM-GT4123 Datasheet
150Kb / 7P
   Two Channel Video Multipliers
More results


Similar Description - GT4124

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB4551 GENNUM-GB4551 Datasheet
140Kb / 5P
   Video Buffer with Strobed DC Restore
GB4571 GENNUM-GB4571 Datasheet
149Kb / 5P
   Video Buffer with Precision Strobed DC Restore
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
   GB4571 Video Buffer with Precision Strobed DC Restore
logo
Intersil Corporation
EL4390 INTERSIL-EL4390 Datasheet
216Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390 RENESAS-EL4390 Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Elantec Semiconductor
EL4390C ELANTEC-EL4390C Datasheet
309Kb / 16P
   Triple 80 MHz Video Amplifier with DC Restore
logo
Freescale Semiconductor...
MC34830 FREESCALE-MC34830 Datasheet
1Mb / 22P
   HD to SD Adjustable Bandwidth Video Buffer with DC Restore
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
   500MHz Video Front End - 4:1MUX DC-Restore
EL4102C ELANTEC-EL4102C Datasheet
272Kb / 9P
   500MHz Video Front End: 4-1 MUX, VGA & DC-Restore
logo
Fairchild Semiconductor
AN-6024 FAIRCHILD-AN-6024 Datasheet
121Kb / 6P
   Understanding Analog Video Signal Clamps, Bias, DC-Restore, and AC or DC Coupling Methods
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com