Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT4122 Datasheet (PDF) - Gennum Corporation

GT4122 Datasheet PDF - Gennum Corporation
Part # GT4122
Download  GT4122 Download

File Size   131.62 Kbytes
Page   5 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description GT4122 Video Multiplier

GT4122 Datasheet (PDF)

Go To PDF Page Download Datasheet
GT4122 Datasheet PDF - Gennum Corporation

Part # GT4122
Download  GT4122 Click to download

File Size   131.62 Kbytes
Page   5 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description GT4122 Video Multiplier

GT4122 Datasheet (HTML) - Gennum Corporation

GT4122 Datasheet HTML 1Page - Gennum Corporation GT4122 Datasheet HTML 2Page - Gennum Corporation GT4122 Datasheet HTML 3Page - Gennum Corporation GT4122 Datasheet HTML 4Page - Gennum Corporation GT4122 Datasheet HTML 5Page - Gennum Corporation

GT4122 Product details

DESCRIPTION

The GT4122 multiplier is a monolithic dual-channel, broadcast quality video mixer.



FEATURES

• broadcast quality video multiplier

• 30 MHz at -1.0 dB video and control channel bandwidth

• one external frequency compensation adjustment

• ultra low differential gain and differential phase, (typically 0.01 % and 0.01 deg.)

• external DC offset and span trims

• 20 pin PDIP and SOIC packaging



APPLICATIONS

• Production switcher video mixers

• Linear Keyers



 




Similar Part No. - GT4122

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GT412 MALLORY-GT412 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
logo
Gennum Corporation
GT4123 GENNUM-GT4123 Datasheet
150Kb / 7P
   Two Channel Video Multipliers
GT4123-CDA GENNUM-GT4123-CDA Datasheet
150Kb / 7P
   Two Channel Video Multipliers
GT4123-CKA GENNUM-GT4123-CKA Datasheet
150Kb / 7P
   Two Channel Video Multipliers
GT4123A GENNUM-GT4123A Datasheet
150Kb / 7P
   Two Channel Video Multipliers
More results


Similar Description - GT4122

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GT4123B GENNUM-GT4123B Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
GT4124 GENNUM-GT4124 Datasheet
149Kb / 5P
   GT4124 Video Multiplier with Strobed DC Restore
logo
Microsemi Corporation
MV71001 MICROSEMI-MV71001 Datasheet
171Kb / 1P
   GaAs Multiplier Diodes Frequency Multiplier
logo
Vicor Corporation
VTM48EH015T050A00 VICOR-VTM48EH015T050A00 Datasheet
1Mb / 16P
   Current Multiplier
logo
Burr-Brown (TI)
4213 BURR-BROWN-4213 Datasheet
559Kb / 9P
   MULTIPLIER-DIVIDER
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
   Frequency Multiplier
FK-5 MINI-FK-5 Datasheet
168Kb / 1P
   Frequency Multiplier
RMK-3-14 MINI-RMK-3-14 Datasheet
252Kb / 1P
   Frequency Multiplier
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com