Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9092 Datasheet (PDF) - Gennum Corporation

GS9092 Datasheet PDF - Gennum Corporation
Part # GS9092
Download  GS9092 Download
File Size   1027.36 Kbytes
Page   58 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI

GS9092 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS9092 Datasheet PDF - Gennum Corporation

Part # GS9092
Download  GS9092 Click to download

File Size   1027.36 Kbytes
Page   58 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI

GS9092 Datasheet (HTML) - Gennum Corporation


GS9092 Product details

Description
The GS9092 is a 270Mb/s serializer with an internal FIFO and an integrated cable driver. It contains all the necessary blocks to realize a transmit solution for SD-SDI and DVB-ASI applications. In addition to serializing the input data stream, the GS9092 performs NRZI-to-NRZ encoding and scrambling as per SMPTE 259M-C when operating in SMPTE mode. When operating in DVB-ASI mode, the device will insert K28.5 sync characters and 8b/10b encode the data prior to serialization.

Key Features
• SMPTE 259M-C compliant scrambling and NRZI to NRZ encoding (with bypass)
• DVB-ASI sync word insertion and 8b/10b encoding
• Integrated Cable Driver
• Integrated line-based FIFO for data alignment/delay, clock phase interchange, DVB-ASI data packet insertion, and ancillary data packet insertion
• User selectable additional processing features including:
• ANC data checksum, and line number calculation and insertion
• TRS and EDH packet generation and insertion
• illegal code remapping
• Enhanced Gennum Serial Peripheral Interface (GSPI)
• JTAG test interface
• +1.8V internal cable driver and core power supply
• Optional +1.8V or +3.3V digital I/O power supply
• Small footprint (8mm x 8mm)
• Low power operation (typically 170mW)
• Pb-free and RoHS compliant

Applications
• SMPTE 259M-C Serial Digital Interfaces
• DVB-ASI Serial Digital Interfaces




Similar Part No. - GS9092

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 63P
GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 59P
GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092ACNE3 GENNUM-GS9092ACNE3 Datasheet
1Mb / 63P
GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
More results


Similar Description - GS9092

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
GenLINX III 270Mb/s Deserializer
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
GenLINX III 270Mb/s Deserializer for SDI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
270Mb/s Deserializer for SDI and DVB-ASI
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
270Mb/s Serializer for SDI and DVB-ASI
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com