Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090A Datasheet (PDF) - Gennum Corporation

GS9090A Datasheet PDF - Gennum Corporation
Part # GS9090A
Download  GS9090A Download

File Size   1157.72 Kbytes
Page   69 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description GS9090A GenLINX-R III 270Mb/s Deserializer for SDI

GS9090A Datasheet (PDF)

Go To PDF Page Download Datasheet
GS9090A Datasheet PDF - Gennum Corporation

Part # GS9090A
Download  GS9090A Click to download

File Size   1157.72 Kbytes
Page   69 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description GS9090A GenLINX-R III 270Mb/s Deserializer for SDI

GS9090A Datasheet (HTML) - Gennum Corporation


GS9090A Product details

Description
The GS9090A is a 270Mb/s reclocking deserializer with an internal FIFO. When used in conjunction with one of Gennum’s SDI Cable Equalizers, a receive solution for SD-SDI and DVB-ASI applications can be realized.

Key Features
• SMPTE 259M-C compatible descrambling and NRZI to NRZ decoding (with bypass)
• DVB-ASI 8b/10b decoding
• Integrated line-based FIFO for data alignment/delay, clock phase interchange, DVB-ASI data packet extraction and clock rate interchange, and ancillary data packet extraction
• Integrated VCO and reclocker
• Single serial digital input buffer with wide input sensitivity and common mode point
• User selectable additional processing features including:
    ♦ TRS, ANC data checksum, and EDH CRC error detection and correction
    ♦ programmable ANC data detection
    ♦ illegal code remapping
• Internal flywheel for noise immune H, V, F extraction
• Automatic standards detection and indication
• Enhanced Gennum Serial Peripheral Interface (GSPI)
• JTAG test interface
• Polarity insensitive for DVB-ASI and SMPTE signals
• +1.8V core power supply with optional +1.8V or +3.3V I/O power supply
• Small footprint (8mm x 8mm)
• Low power operation (typically 145mW)
• Pb-free and RoHS compliant

Applications
• SMPTE 259M-C Serial Digital Interfaces
• DVB-ASI Serial Digital Interfaces




Similar Part No. - GS9090A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090ACNE3 GENNUM-GS9090ACNE3 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
More results


Similar Description - GS9090A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
   GenLINX III 270Mb/s Deserializer for SDI
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
   GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
   GenLINX III 270Mb/s Deserializer
GS9090B GENNUM-GS9090B Datasheet
1Mb / 71P
   GenLINX짰 III 270Mb/s Deserializer for SDI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
   GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
   270Mb/s Deserializer for SDI
logo
Gennum Corporation
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
   GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092 GENNUM-GS9092 Datasheet
1Mb / 58P
   GS9092 GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
   GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
   270Mb/s Deserializer for SDI and DVB-ASI
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com