Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9068 Datasheet (PDF) - Gennum Corporation

GS9068 Datasheet PDF - Gennum Corporation
Part # GS9068
Download  GS9068 Download

File Size   113.06 Kbytes
Page   8 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description SD SDI Cable Driver

GS9068 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS9068 Datasheet PDF - Gennum Corporation

Part # GS9068
Download  GS9068 Click to download

File Size   113.06 Kbytes
Page   8 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description SD SDI Cable Driver

GS9068 Datasheet (HTML) - Gennum Corporation

GS9068 Datasheet HTML 1Page - Gennum Corporation GS9068 Datasheet HTML 2Page - Gennum Corporation GS9068 Datasheet HTML 3Page - Gennum Corporation GS9068 Datasheet HTML 4Page - Gennum Corporation GS9068 Datasheet HTML 5Page - Gennum Corporation GS9068 Datasheet HTML 6Page - Gennum Corporation GS9068 Datasheet HTML 7Page - Gennum Corporation GS9068 Datasheet HTML 8Page - Gennum Corporation

GS9068 Product details

DESCRIPTION
The GS9068 is a second generation high-speed bipolar integrated circuit designed to drive one or two 75Ω co-axial cables at data rates up to 540Mb/s.
The GS9068 accepts a LVPECL level differential input, which may be AC coupled. External biasing resistors at the inputs are not required.
Power consumption is typically 160mW using a +3.3V DC power supply.

KEY FEATURES
• SMPTE 259M and SMPTE 344M compliant
• dual coaxial cable driving outputs
• 50Ω differential PECL input
• single 3.3V power supply operation
• space-saving 8-lead SOIC
• operating temperature range: 0°C to 70°C
• pin compatible with GS1528 HD-LINX™ II multirate SDI dual slew-rate cable driver
• Pb-free and Green

APPLICATIONS
• SMPTE 259M Coaxial Cable Serial Digital Interfaces




Similar Part No. - GS9068

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9068 GENNUM-GS9068 Datasheet
445Kb / 11P
   SD SDI Cable Driver
GS9068-CKAE3 GENNUM-GS9068-CKAE3 Datasheet
445Kb / 11P
   SD SDI Cable Driver
GS9068-CTAE3 GENNUM-GS9068-CTAE3 Datasheet
445Kb / 11P
   SD SDI Cable Driver
GS9068A GENNUM-GS9068A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS9068A GENNUM-GS9068A Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
More results


Similar Description - GS9068

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9068 GENNUM-GS9068_10 Datasheet
445Kb / 11P
   SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302 NSC-LMH0302_08 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Gennum Corporation
GS9077 GENNUM-GS9077 Datasheet
278Kb / 14P
   HD-LINX III SD-SDI Cable Driver
logo
Texas Instruments
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver
logo
M/A-COM Technology Solu...
M21202 MA-COM-M21202 Datasheet
102Kb / 2P
   SD-SDI Broadcast Video Co-axial Cable Driver
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Driver
logo
National Semiconductor ...
LMH0303 NSC-LMH0303 Datasheet
292Kb / 14P
   3 Gbps HD/SD SDI Cable Driver with Cable Detect
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com