Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1578A Datasheet (PDF) - Gennum Corporation

GS1578A Datasheet PDF - Gennum Corporation
Part # GS1578A
Download  GS1578A Download
File Size   313.53 Kbytes
Page   15 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver

GS1578A Datasheet (PDF)

Go To PDF Page Download Datasheet
GS1578A Datasheet PDF - Gennum Corporation

Part # GS1578A
Download  GS1578A Click to download

File Size   313.53 Kbytes
Page   15 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver

GS1578A Datasheet (HTML) - Gennum Corporation


GS1578A Product details

Description

The GS1578A is a second generation high-speed BiCMOS integrated circuit designed to drive one or two 75Ω co-axial cables.

The GS1578A may drive data rates up to 1.485Gb/s and provides two selectable slew rates in order to achieve compliance to SMPTE 259M, SMPTE 344M and SMPTE 292M.

The GS1578A accepts a LVPECL level differential input that may be AC coupled. External biasing resistors at the inputs are not required.

Power consumption is typically 168mW using a 3.3V power supply. The GS1578A is Pb-free, and the encapsulation compound does not contain halogenated flame retardant.

This component and all homogeneous subcomponents are RoHS compliant.



Features

• SMPTE 292M, SMPTE 344M and SMPTE 259M compliant

• Dual coaxial cable driving outputs with selectable slew rate

• 50Ω differential PECL input

• Pb-free and RoHS compliant

• Seamless interface to other HD-LINX® II family products

• Single 3.3V power supply operation

• Operating temperature range: 0°C to 70°C



Applications

• SMPTE 292M, SMPTE 344M and SMPTE 259M Coaxial Cable Serial Digital Interfaces.



 




Similar Part No. - GS1578A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1578A GENNUM-GS1578A Datasheet
1Mb / 16P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578ACNE3 GENNUM-GS1578ACNE3 Datasheet
1Mb / 16P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
More results


Similar Description - GS1578A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1560A GENNUM-GS1560A Datasheet
1Mb / 80P
GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
GS9078A HD-LINX-R II Multi-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
HD-LINX II Dual-Rate Deserializer
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com