Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GS1575A Datasheet (PDF) - Gennum Corporation

GS1575A Datasheet PDF - Gennum Corporation
Part No. GS1575A
Download  GS1575A Click to view

File Size   498.12 Kbytes
Page   29 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker

GS1575A Datasheet (PDF)

Go To PDF Page Download Datasheet
GS1575A Datasheet PDF - Gennum Corporation

Part No. GS1575A
Download  GS1575A Click to view

File Size   498.12 Kbytes
Page   29 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker

GS1575A Datasheet (HTML) - Gennum Corporation

Back Button GS1575A Datasheet HTML 1Page - Gennum Corporation GS1575A Datasheet HTML 2Page - Gennum Corporation GS1575A Datasheet HTML 3Page - Gennum Corporation GS1575A Datasheet HTML 4Page - Gennum Corporation GS1575A Datasheet HTML 5Page - Gennum Corporation GS1575A Datasheet HTML 6Page - Gennum Corporation GS1575A Datasheet HTML 7Page - Gennum Corporation GS1575A Datasheet HTML 8Page - Gennum Corporation GS1575A Datasheet HTML 9Page - Gennum Corporation GS1575A Datasheet HTML 10Page - Gennum Corporation Next Button 

GS1575A Product details

Description
The GS1575A/9075A is a Multi-Rate Serial Digital Reclocker designed to automatically recover the embedded clock from a digital video signal and re-time the incoming video data.

Features
GS1575A
• SMPTE 292M, 259M and 344M compliant
• Supports data rates of 143, 177, 270, 360, 540, 1483.5, 1485 Mb/s
• Supports DVB-ASI at 270Mb/s
• Pb-free and RoHS Compliant
• Auto and Manual Modes for rate selection
• Standards indication in Auto Mode
• 4:1 input multiplexer
• Loss of Signal (LOS) Output
• Lock Detect Output
• On-chip Input and Output Termination
• Differential 50Ω inputs and outputs
• Mute, Bypass and Autobypass functions
• SD/HD indication output to control GS1528A Dual Slew-Rate Cable Driver
• Single 3.3V power supply
• Operating temperature range: 0°C to 70°C

GS9075A
• SMPTE 259M and 344M compliant
• Supports data rates of 143, 177, 270, 360, and 540Mb/s
• Supports DVB-ASI at 270Mb/s
• Pb-free and RoHS Compliant
• Auto and Manual Modes for rate selection
• Standards indication in Auto Mode
• 4:1 input multiplexer
• Loss of Signal (LOS) Output
• Lock Detect Output
• On-chip Input and Output Termination
• Differential 50Ω inputs and outputs
• Mute, Bypass and Autobypass functions
• Single 3.3V power supply
• Operating temperature range: 0°C to 70°C

Applications
GS1575A
• SMPTE 292M, SMPTE 259M and SMPTE 344M Serial Digital Interfaces

GS9075A
• SMPTE 259M and SMPTE 344M Serial Digital Interfaces.



Similar Part No. - GS1575A

ManufacturerPart No.DatasheetDescription
Gennum Corporation
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
Semtech Corporation
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
More results

Similar Description - GS1575A

ManufacturerPart No.DatasheetDescription
Gennum Corporation
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
Semtech Corporation
Semtech Corporation
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
Gennum Corporation
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
Semtech Corporation
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
Gennum Corporation
Gennum Corporation
GS2975A GENNUM-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker with Dual Differential Outputs
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz