Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1535 Datasheet (PDF) - Gennum Corporation

GS1535 Datasheet PDF - Gennum Corporation
Part # GS1535
Download  GS1535 Download
File Size   313.1 Kbytes
Page   22 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker

GS1535 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS1535 Datasheet PDF - Gennum Corporation

Part # GS1535
Download  GS1535 Click to download

File Size   313.1 Kbytes
Page   22 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker

GS1535 Datasheet (HTML) - Gennum Corporation


GS1535 Product details

Description
The GS1535 Multi-Rate Serial Digital Reclocker is designed to automatically recover the embedded clock signal and re-time the data from a SMPTE 292M, SMPTE 259M or SMPTE 344M compliant digital video signal.

Key Features
• SMPTE 292M, 259M and 344M compliant
• Supports data rates of 143, 177, 270, 360, 540, 1483.5, 1485 Mb/s
• Supports DVB-ASI at 270Mb/s
• Auto and Manual Modes for rate selection
• Standards indication in Auto Mode
• 4:1 input multiplexor
• Lock Detect Output
• On-chip Input and Output Termination
• Differential inputs and outputs
• Configuarble automatic Mute or Bypass when not locked
• Manual Bypass function
• SD/HD indication output to control GS1528 Dual Slew-Rate Cable Driver
• Pb-free and Green
• Single 3.3V power supply
• Operating temperature range: 0°C to 70°C

Applications
• SMPTE 292M, SMPTE 259M and SMPTE 344M Serial Digital Interfaces




Similar Part No. - GS1535

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1535A GENNUM-GS1535A Datasheet
439Kb / 27P
GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A Datasheet
455Kb / 27P
Multi-Rate SDI Automatic Reclocker
GS1535ACFUE3 GENNUM-GS1535ACFUE3 Datasheet
439Kb / 27P
GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535ACFUE3 GENNUM-GS1535ACFUE3 Datasheet
455Kb / 27P
Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
Multi-Rate SDI Automatic Reclocker
More results


Similar Description - GS1535

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A Datasheet
439Kb / 27P
GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
logo
Semtech Corporation
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
GS1532 HD-LINX-TM II Multi-Rate Serializer
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com