Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1300950130 Datasheet (PDF) - Molex Electronics Ltd.

1300950130 Datasheet PDF - Molex Electronics Ltd.
Part # 1300950130
Download  1300950130 Download

File Size   30.37 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Heavy Duty Wire Mesh Pulling Grip, Double Weave, Rotating Eye, Short Mesh Length 0.66m (26.00), Approximate Break Strength 14968.55kg (33000 lbs)

1300950130 Datasheet (PDF)

Go To PDF Page Download Datasheet
1300950130 Datasheet PDF - Molex Electronics Ltd.

Part # 1300950130
Download  1300950130 Click to download

File Size   30.37 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Heavy Duty Wire Mesh Pulling Grip, Double Weave, Rotating Eye, Short Mesh Length 0.66m (26.00), Approximate Break Strength 14968.55kg (33000 lbs)

1300950130 Datasheet (HTML) - Molex Electronics Ltd.

1300950130 Datasheet HTML 1Page - Molex Electronics Ltd.

1300950130 Product details

Agency Certification
CSA LR32159
General
Product Family Cable Grips
Series 130095
Eye Type Rotating
O-Ring N/A
Overview Pulling Grips
Product Name Heavy Duty
Type Pulling Grip
UPC 78678835871




Similar Part No. - 1300950130

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300950130 MOLEX11-1300950130 Datasheet
30Kb / 1P
   Heavy Duty Wire Mesh Pulling Grip, Double Weave, Rotating Eye,
1300950130 MOLEX-1300950130 Datasheet
157Kb / 1P
   PULLING GRIPS HEAVY DUTY K-TYPE SHORT LENGTH
2015/03/23
1300950130 MOLEX-1300950130 Datasheet
157Kb / 1P
   PULLING GRIPS HEAVY DUTY K-TYPE SHORT LENGTH
2015/03/23
1300950130 MOLEX-1300950130 Datasheet
157Kb / 1P
   PULLING GRIPS HEAVY DUTY K-TYPE SHORT LENGTH
2015/03/23
1300950130 MOLEX-1300950130 Datasheet
157Kb / 1P
   PULLING GRIPS HEAVY DUTY K-TYPE SHORT LENGTH
2015/03/23
More results


Similar Description - 1300950130

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300950126 MOLEX-1300950126 Datasheet
30Kb / 1P
   Heavy Duty Wire Mesh Pulling Grip, Double Weave, Rotating Eye, Short Mesh Length 0.508m (20.00), Approximate Break Strength 4354.49kg (9600 lbs)
07/27/2021
1300950129 MOLEX-1300950129 Datasheet
30Kb / 1P
   Heavy Duty Wire Mesh Pulling Grip, Double Weave, Rotating Eye, Short Mesh Length 0.635m (25.00), Approximate Break Strength 12337.71kg (27200 lbs)
07/27/2021
1300950128 MOLEX-1300950128 Datasheet
30Kb / 1P
   Heavy Duty Wire Mesh Pulling Grip, Double Weave, Rotating Eye, Short Mesh Length 0.533m (21.00), Approximate Break Strength 7438.92kg (16400 lbs)
07/27/2021
1300950134 MOLEX-1300950134 Datasheet
30Kb / 1P
   Heavy Duty Wire Mesh Pulling Grip, Double Weave, Rotating Eye, Short Mesh Length 0.838m (33.00), Approximate Break Strength 21772.43kg (48000 lbs)
03/04/2021
1300950140 MOLEX-1300950140 Datasheet
30Kb / 1P
   Heavy Duty Wire Mesh Pulling Grip, Double Weave, Rotating Eye, Standard Mesh Length 0.991m (39.00), Approximate Break Strength 18597.29kg (41000 lbs)
08/05/2020
1300950135 MOLEX-1300950135 Datasheet
30Kb / 1P
   Heavy Duty Wire Mesh Pulling Grip, Double Weave, Rotating Eye, Standard Mesh Length 0.813m (32.00), Approximate Break Strength 4354.49kg (9600 lbs)
07/28/2021
1300950144 MOLEX-1300950144 Datasheet
30Kb / 1P
   Heavy Duty Wire Mesh Pulling Grip, Double Weave, Rotating Eye, Standard Mesh Length 1.524m (60.00), Approximate Break Strength 21772.43kg (48000 lbs)
03/03/2021
1300950141 MOLEX-1300950141 Datasheet
30Kb / 1P
   Heavy Duty Wire Mesh Pulling Grip, Double Weave, Rotating Eye, Standard Mesh Length 1.041m (41.00), Approximate Break Strength 21772.43kg (48000 lbs)
02/27/2021
1300950125 MOLEX-1300950125 Datasheet
30Kb / 1P
   Heavy Duty Wire Mesh Pulling Grip, Double Weave, Rotating Eye, Standard Mesh Length 0.406m (16.00), Approximate Break Strength 3084.43kg (6800 lbs)
07/27/2021
1300950273 MOLEX11-1300950273 Datasheet
37Kb / 1P
   High Strength Wire Mesh Pulling Grip, Mesh Length 0.66m (26.00"), Approximate
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com